Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM104I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM104I
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM104I Datasheet(HTML) 4 Page - STMicroelectronics

  TSM104I Datasheet HTML 1Page - STMicroelectronics TSM104I Datasheet HTML 2Page - STMicroelectronics TSM104I Datasheet HTML 3Page - STMicroelectronics TSM104I Datasheet HTML 4Page - STMicroelectronics TSM104I Datasheet HTML 5Page - STMicroelectronics TSM104I Datasheet HTML 6Page - STMicroelectronics TSM104I Datasheet HTML 7Page - STMicroelectronics TSM104I Datasheet HTML 8Page - STMicroelectronics TSM104I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VOLTAGE REFERENCE
Symbol
Parameter
Value
Unit
IK
Cathode Current
1 to 100
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vref
Reference Input Voltage
TSM104, Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
TSM104A, Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
2.475
2.45
2.49
2.48
2.5
2.5
2.525
2.55
2.51
2.52
V
∆V
ref
Reference Input Voltage Deviation Over
Temperature Range
VKA =Vref, IK= 10mA
Tmin.
≤ Tamb ≤ Tmax.
730
mV
∆Vref
∆VKA
Ratio of Change in Reference Input Voltage to Change in Cathode to
Anode Voltage
IK = 10mA,
∆Vka = 36V to 3V
-2
-1.1
mV/V
Iref
Reference Input Current
IK = 10mA
Tmin.
≤ Tamb ≤ Tmax.
1.5
2.5
3
µA
∆Iref
Reference Input Current Deviation over T
o Range
0.8
1.2
µA
Imin
Minimum Cathode Current for Regulation
VKA =Vref
0.5
1
mA
Ioff
Off-State Cathode Current
180
500
nA
|ZKA|
Dynamic Impedance - (note 1)
VKA =Vref,
∆IK = 1 to 100mA, f < 1kHz
0.2
0.5
Ω
Note 1 : the dynamic impedance is defined as |ZKA|=
∆VKA/∆IK
TSM104/A
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com