Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1051 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM1051
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1051 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM1051 Datasheet HTML 1Page - STMicroelectronics TSM1051 Datasheet HTML 2Page - STMicroelectronics TSM1051 Datasheet HTML 3Page - STMicroelectronics TSM1051 Datasheet HTML 4Page - STMicroelectronics TSM1051 Datasheet HTML 5Page - STMicroelectronics TSM1051 Datasheet HTML 6Page - STMicroelectronics TSM1051 Datasheet HTML 7Page - STMicroelectronics TSM1051 Datasheet HTML 8Page - STMicroelectronics TSM1051 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM1051
2/9
PIN DESCRIPTION
SOT23-6 Pinout
SO8 Pinout
ABSOLUTE MAXIMUM RATINGS
Name
Pin #
Type
Function
Vcc
6
Power Supply
Positive Power Supply Line
Gnd
2
Power Supply
Ground Line. 0V Reference For All Voltages
Vctrl
1
Analog Input
Input Pin of the Voltage Control Loop
Ictrl
4
Analog Input
Input Pin of the Current Control Loop
Out
3
Current Sink Output
Output Pin. Sinking Current Only
Vsense
5
Analog Input
Input Pin of the Current Control Loop
Name
Pin #
Type
Function
Vcc
2
Power Supply
Positive Power Supply Line
Gnd
8
Power Supply
Ground Line. 0V Reference For All Voltages
Vctrl
1
Analog Input
Input Pin of the Voltage Control Loop
Ictrl
6
Analog Input
Input Pin of the Current Control Loop
Out
7
Current Sink Output
Output Pin. Sinking Current Only
Vsense
3
Analog Input
Input Pin of the Current Control Loop
NC
5
NC
4
Symbol
DC Supply Voltage
Value
Unit
Vcc
DC Supply Voltage
14
V
Vi
Input Voltage
-0.3 to Vcc
V
Top
Operating Free Air Temperature Range
0 to 85
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient SO8 package
130
°C/W
Rthja
Thermal Resistance Junction to Ambient SOT23-6 package
250
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com