Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90PWM2B
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90PWM2B Datasheet HTML 1Page - ATMEL Corporation AT90PWM2B Datasheet HTML 2Page - ATMEL Corporation AT90PWM2B Datasheet HTML 3Page - ATMEL Corporation AT90PWM2B Datasheet HTML 4Page - ATMEL Corporation AT90PWM2B Datasheet HTML 5Page - ATMEL Corporation AT90PWM2B Datasheet HTML 6Page - ATMEL Corporation AT90PWM2B Datasheet HTML 7Page - ATMEL Corporation AT90PWM2B Datasheet HTML 8Page - ATMEL Corporation AT90PWM2B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
4317IS–AVR–01/08
AT90PWM2/3/2B/3B
– In-System Programmable via SPI Port
– Internal Calibrated RC Oscillator ( 8 MHz)
– On-chip PLL for fast PWM ( 32 MHz, 64 MHz) and CPU (16 MHz)
• Operating Voltage: 2.7V - 5.5V
• Extended Operating Temperature:
– -40°C to +105°
1.
History
This datasheet deals with product characteristics of AT90PW2 and AT90WM3. It will be updated
as soon as characterization will be done.
2.
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min and Max val-
ues will be available after the device is characterized.
Product
Package
12 bit PWM with
deadtime
ADC
Input
ADC
Diff
Analog
Compar
Application
AT90PWM2
AT90PWM2B
SO24
2 x 2
8
1
2
One fluorescent ballast
AT90PWM3
AT90PWM3B
SO32,
QFN32
3 x 2
11
2
3
HID ballast, fluorescent ballast,
Motor control
Product
Revision
AT90PWM2
AT90PWM3
First revision of parts, only for running production.
AT90PWM2B
AT90PWM3B
Second revision of parts, for all new developments.
The major changes are :
• complement the PSCOUT01, PSCOUT11, PSCOUT21 polarity in
centered mode - See “PSCn0 & PSCn1 Basic Waveforms in Center
Aligned Mode” on page 139.
• Add the PSC software triggering capture - See “PSC 0 Input Capture
Register – PICR0H and PICR0L” on page 170.
• Add bits to read the PSC output activity - See “PSC0 Interrupt Flag
Register – PIFR0” on page 172.
• Add some clock configurations - See “Device Clocking Options Select
AT90PWM2B/3B” on page 31.
• Change Amplifier Synchonization - See “Amplifier” on page 252. and
See “” on page 254.
• Correction of the Errata - See “Errata” on page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com