Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740-RQHH Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR2740-RQHH
Description  DAB Digital Processing Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740-RQHH Datasheet(HTML) 7 Page - ATMEL Corporation

  ATR2740-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 7Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 8Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
4816FS–DAB–07/08
ATR2740
8.
Package Information BGA121
Package: R-LFGBA 121_A
Dimensions in mm
n 0.08 m
A
B
C
A1 Corner
A1 Corner
n 0.15 m
∅ 0.32 ... 0.42 (121x)
10±0.05
A
C
0.15 (4x)
B
C
C
0.2
C
0.08
Seating plane
A
B
E
H
L
K
J
G
F
C
D
A
B
E
H
L
K
J
G
F
C
D
Bottom View
Top View
123 45 6 7 8 9
11
10
10
11
9 8 76 54 3
2 1
specifications
according to DIN
technical drawings
Issue: 1; 20.08.04
Drawing-No.: 6.580-5002.01-4
0.8
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com