Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0885 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0885
Description  3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0885 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0885 Datasheet HTML 1Page - ATMEL Corporation ATR0885 Datasheet HTML 2Page - ATMEL Corporation ATR0885 Datasheet HTML 3Page - ATMEL Corporation ATR0885 Datasheet HTML 4Page - ATMEL Corporation ATR0885 Datasheet HTML 5Page - ATMEL Corporation ATR0885 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
4923CS–DVD–02/08
ATR0885 [Preliminary]
Electrostatic sensitive device.
Observe precautions for handling.
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Value
Unit
Supply voltage
VVCCS
–0.5 to +6.0
V
Supply voltage output stages
(VCCA, VCCB, VCCC)
V
VCCH
–0.5 to +9.5
V
Input voltage
V
PDIN
–0.5 to V
cc+0.5
V
Differential voltage
8, 9
V
diff_8,9
|0.5|
V
Power dissipation
P
max
0.7(1) to 1(2)
W
Output voltage
V
out
–0.5 to V
cch–1
V
Junction temperature
T
j
150
°C
Storage temperature
T
stg
–65 to +125
°C
Notes:
1. R
thJA ≤ 115 K/W at Tamb = 70°C
2. R
thJA ≤ 115 K/W at Tamb = 25°C
4.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
50(1)
K/W
Note:
1.
Measured with multi-layer test board (JDEC standard)
5.
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
VVCCS
4.5 to 5.5
V
High supply voltage (VCCA, VCCB, VCCC)
VVCCH
VVCCS to 9.0
V
Input current
IIR
< 2
mA
Output voltage range
VPDOUT
0.8 to (VVCCS – 1.8)
V
External resistor to GND to set oscillator frequency
RF
> 3
k
Ω
External resistor to GND to set oscillator swing
RS1, RS2, RS3
> 100
Ω
Operating temperature range
Tamb
0 to +70
°C
Transimpedance resistor
RTI
1 to 50
k
Ω
Total capacitance at PDIN
CPD
< 15
pF
Load resistance
RLoad
> 5
k
Ω
Load capacitance
CLoad
< 30
pF
Reference voltage
VREF
1.6 to 3.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com