Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR2740
Description  DAB Digital Processing Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR2740 Datasheet HTML 1Page - ATMEL Corporation ATR2740 Datasheet HTML 2Page - ATMEL Corporation ATR2740 Datasheet HTML 3Page - ATMEL Corporation ATR2740 Datasheet HTML 4Page - ATMEL Corporation ATR2740 Datasheet HTML 5Page - ATMEL Corporation ATR2740 Datasheet HTML 6Page - ATMEL Corporation ATR2740 Datasheet HTML 7Page - ATMEL Corporation ATR2740 Datasheet HTML 8Page - ATMEL Corporation ATR2740 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
4816FS–DAB–07/08
ATR2740
1.
Description
The ATR2740 is a fully integrated processing unit which covers all DAB- (Eureka 147,
ETS 300 401) related digital tasks like DAB OFDM demodulation and decoding, audio source
decoding, data decoding, as well as time and frequency synchronization.
The device consists of a high-performance 32-bit RISC ARM7TDMI core, an additional
TeakDSPCore, embedded memories, an analog-to-digital converter (ADC), as well as a DAB
channel demodulator and decoder IP, and two independent audio source decoder engines. A
large variety of interfaces, including USB, SPI, USART and RDI, are provided.
The ATR2740 baseband processor is controlled by a standard ARM7TDMI core, which is a very
well-known controller. This allows the designers to work with standard tools, which results in
reduced development costs and very fast time to market.
The ARM7TDMI core is designed to perform the DAB receiver tasks, MMI and further user soft-
ware extensions such as MP3 decoding or data decoding.
The ATR2740 is manufactured using Atmel’s high-density CMOS technology. By combining all
functions on one SoC (System-on-Chip), including a wide range of peripheral functions on a
monolithic chip, the ATR2740 provides a highly flexible and cost-effective solution for DAB
applications.
The advanced Atmel technology and the architecture of the ATR2740 enable maximum perfor-
mance at a very low current consumption.
The wide flexibility offered by the ATR2740 is due to the large variety of interfaces supported.
For control functions, UART, USB, and SPI are available. As data interfaces, an SSO, SFCO,
US Band RDI, as well as two audio outputs (either I
2S or SPDIF), are available.
Due to the high integration of the device, the external component count is as low as only two
external parts; a simple crystal and a 16-MB flash memory are required to run the full DAB func-
tion. All RAM, such as interleaving or program memory, as well as the ADC are incorporated into
the device. The part works perfectly together with Atmel’s DAB front-end parts.
The processing power available with the ATR2740 is sufficient to enable the part to decode the
full DAB data rate of 1.8 Mbits. In addition, there is still unused processing power available on
the ARM7TDMI controller for customer software. It is easy to run a complete MP3 player without
the need to add extra hardware to the device.
A complete set of tools for hardware and software, including documentation that allows easy
design-in and a fast time to market, is available on request.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com