Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH73CD Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSH73CD
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH73CD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSH73CD Datasheet HTML 15Page - STMicroelectronics TSH73CD Datasheet HTML 16Page - STMicroelectronics TSH73CD Datasheet HTML 17Page - STMicroelectronics TSH73CD Datasheet HTML 18Page - STMicroelectronics TSH73CD Datasheet HTML 19Page - STMicroelectronics TSH73CD Datasheet HTML 20Page - STMicroelectronics TSH73CD Datasheet HTML 21Page - STMicroelectronics TSH73CD Datasheet HTML 22Page - STMicroelectronics TSH73CD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TSH70, 71, 72, 73, 74, 75
19/25
TESTING CONDITIONS:
Layout precautions:
To use the TSH7X circuits in the best manner at
high frequencies, some precautions have to be
taken for power supplies:
- First of all, the implementation of a proper ground
plane in both sides of the PCB is mandatory for
high speed circuit applications to provide low in-
ductance and low resistance common return.
- Power supply bypass capacitors (4.7uF and ce-
ramic 100pF) should be placed as close as possi-
ble to the IC pins in order to improve high frequen-
cy bypassing and reduce harmonic distortion. The
power supply capacitors must be incorporated for
both the negative and the positive pins.
- Proper termination of all inputs and outputs must
be in accordance with output termination resistors;
then the amplifier load will be only resistive and
the stability of the amplifier will be improved.
All leads must be wide and as short as possible
especially for op amp inputs and outputs in order
to decrease parasitic capacitance and inductance.
- For lower gain application, attention should be
paid not to use large feedback resistance (>1k
Ω)
to reduce time constant with parasitic capacitanc-
es.
- Choose component sizes as small as possible
(SMD).
- Finally, on output, the load capacitance must be
negligible to maintain good stability. You can put a
serial resistance the closest to the output pin to
minimize its influence.
CCIR330 video line
Maximum input level:
The input level must not exceed the following val-
ues:
u negative peak: must be greater than
-Vcc+400mV.
u positive peak value: must be lower than
+Vcc-400mV.
The electrical characteristics show the influence of
the load on this parameter.
Video capabilities:
To characterize the differential phase and differ-
ential gain a CCIR330 video line is used.
The video line contains 5 (flat) levels of luma on
which is superimposed chroma signal. (the first
level contains no luma). The luma gives various
amplitudes which define the saturation of the sig-
nal. The chrominance gives various phases which
define the colour of the signal.
Differential phase (respectively differential gain)
distortion is present if a signal chrominance phase
(gain) is affected by luminance level. They repre-
sent the ability to uniformly process the high fre-
quency information at all luminance levels.
When differential gain is present, colour saturation
is not correctly reproduced.
The input generator is the Rohde & Schwarz
CCVS. The output measurement is done by the
Rohde and Schwarz VSA.
Measurement on Rohde and Schwarz VSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com