Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2001 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2001
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2001 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2001 Datasheet HTML 1Page - NXP Semiconductors PCA2001 Datasheet HTML 2Page - NXP Semiconductors PCA2001 Datasheet HTML 3Page - NXP Semiconductors PCA2001 Datasheet HTML 4Page - NXP Semiconductors PCA2001 Datasheet HTML 5Page - NXP Semiconductors PCA2001 Datasheet HTML 6Page - NXP Semiconductors PCA2001 Datasheet HTML 7Page - NXP Semiconductors PCA2001 Datasheet HTML 8Page - NXP Semiconductors PCA2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
2 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
I End Of Life (EOL) indication for silver oxide or lithium battery (only the PCA2000 has
the EOL feature)
I Test mode for accelerated testing of the mechanical parts of the watch and the IC
I Test bits for type recognition
3.
Applications
I Driver circuits for bipolar stepping motors
I High immunity motor drive circuits
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Delivery form
Version
PCA2000U/AB
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip in tray
PCA200xU
PCA2001U/AB
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip in tray
PCA200xU
PCA2000U/10AB PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip on film frame carrier
PCA200xU
PCA2001U/10AB PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip on film frame carrier
PCA200xU
PCA2000CX8/5
PCA200xCX
wafer level chip-size package; 8 bumps;
1.16
× 0.86 × 0.31 mm
unsawn wafer with lead
free solder bumps
PCA200xCX
PCA2001CX8/5
PCA200xCX
wafer level chip-size package; 8 bumps;
1.16
× 0.86 × 0.31 mm
unsawn wafer with lead
free solder bumps
PCA200xCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com