Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2001U/AB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA2001U/AB
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2001U/AB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA2001U/AB Datasheet HTML 10Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 11Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 12Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 13Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 14Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 15Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 16Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 17Page - NXP Semiconductors PCA2001U/AB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
14 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
• State 2: inhibition time has a value of n
× 0.122 ms. A signal with periodicity of
31.25 ms + n
× 0.122 ms appears at pad RESET and as current modulation at
pad VDD (see Figure 11 and Figure 12)
7.12 Customer testing
Connecting pad RESET to VSS activates the test mode. In this test mode, the motor
output frequency is 8 Hz; the duty cycle reduction and battery check occurs every second,
instead of every 4 minutes. If the supply voltage drops below the EOL threshold voltage,
the motor output frequency is 32 Hz with the highest driving level.
7.13 EOL of battery
The supply voltage is checked every 4 minutes. If it drops below the EOL threshold
voltage (1.38 V for silver-oxide, 2.5 V for lithium batteries), the motor steps change from
one pulse per second to a burst of four pulses every 4 seconds. The step detection is
switched off, and the motor is driven with the highest pulse level.
Only the PCA2000 has an EOL function.
Fig 11. Output waveform at pad RESET for instruction state 2
Fig 12. Supply voltage modulation for starting and stopping of instruction state 2
mgw355
VDD
VSS
31.25 ms
+ inhibition time
VO(dif)
VDD
VP(prog)(start)
VP(mod)
VP(prog)(stop)
t1
tp(start)
t0
VSS
VDD(nom)
mgu719
tp(stop)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com