Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2002CX8/5/1 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA2002CX8/5/1
Description  32 kHz watch circuit with programmable output period and pulse width
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2002CX8/5/1 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA2002CX8/5/1 Datasheet HTML 17Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 18Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 19Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 20Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 21Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 22Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 23Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 24Page - NXP Semiconductors PCA2002CX8/5/1 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
PCA2002_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
23 of 25
NXP Semiconductors
PCA2002
32 kHz watch circuit programmable output period and pulse width
15. Revision history
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA2002_5
20081111
Product data sheet
-
PCA2002_4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines
of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Implemented new drawings and wafer information
• Added new bare die outline drawing
PCA2002_4
20050907
Product data sheet
-
PCA2002_3
PCA2002_3
20040120
Product specification
-
PCA2002_2
PCA2002_2
20030204
Objective specification
-
PCA2002_1
PCA2002_1
20021025
Objective specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com