Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5030AID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030AID
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030AID Datasheet(HTML) 2 Page - Texas Instruments

  REF5030AID Datasheet HTML 1Page - Texas Instruments REF5030AID Datasheet HTML 2Page - Texas Instruments REF5030AID Datasheet HTML 3Page - Texas Instruments REF5030AID Datasheet HTML 4Page - Texas Instruments REF5030AID Datasheet HTML 5Page - Texas Instruments REF5030AID Datasheet HTML 6Page - Texas Instruments REF5030AID Datasheet HTML 7Page - Texas Instruments REF5030AID Datasheet HTML 8Page - Texas Instruments REF5030AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
REF5010
,, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410C – JUNE 2007 – REVISED DECEMBER 2008.................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
OUTPUT VOLTAGE
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
STANDARD GRADE (8ppm, 0.1%)
SO-8
D
REF5020
REF5020A
2.048V
MSOP-8
(2)
DGK
R50A
SO-8
D
REF5025
REF5025A
2.5V
MSOP-8
(2)
DGK
R50B
SO-8
D
REF5030
REF5030A
3.0V
MSOP-8
(2)
DGK
R50C
SO-8
D
REF5040
REF5040A
4.096V
MSOP-8
(2)
DGK
R50D
SO-8
D
REF5045
REF5045A
4.5V
MSOP-8
(2)
DGK
R50E
SO-8
D
REF5050
REF5050A
5.0V
MSOP-8
(2)
DGK
R50F
SO-8
D
REF5010
REF5010A
10.0V
MSOP-8
(2)
DGK
R50G
HIGH GRADE (3ppm, 0.05%)
SO-8
D
REF5020
REF5020I
2.048V
MSOP-8
(2)
DGK
R50A
SO-8
D
REF5025
REF5025I
2.5V
MSOP-8
(2)
DGK
R50B
SO-8
D
REF5030
REF5030I
3.0V
MSOP-8
(2)
DGK
R50C
SO-8
D
REF5040
REF5040I
4.096V
MSOP-8
(2)
DGK
R50D
SO-8
D
REF5045
REF5045I
4.5V
MSOP-8
(2)
DGK
R50E
SO-8
D
REF5050
REF5050I
5.0V
MSOP-8
(2)
DGK
R50F
SO-8
D
REF5010
REF5010I
10.0V
MSOP-8
(2)
DGK
R50G
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Contact a TI sales representative for information regarding MSOP-8 (DGK) package availability.
PARAMETER
REF50xx
UNIT
Input Voltage
+18
V
Output Short-Circuit
30
mA
Operating Temperature Range
–55 to +125
°C
Storage Temperature Range
–55 to +150
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
3000
V
ESD Rating
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com