Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM221D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM221D
Description  DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM221D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM221D Datasheet HTML 3Page - STMicroelectronics TSM221D Datasheet HTML 4Page - STMicroelectronics TSM221D Datasheet HTML 5Page - STMicroelectronics TSM221D Datasheet HTML 6Page - STMicroelectronics TSM221D Datasheet HTML 7Page - STMicroelectronics TSM221D Datasheet HTML 8Page - STMicroelectronics TSM221D Datasheet HTML 9Page - STMicroelectronics TSM221D Datasheet HTML 10Page - STMicroelectronics TSM221D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
** Standard Linear Ics Macromodels, 1993.
** CONNECTIONS :
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
* 4 POSITIV E POWER SUPPLY
* 5 NEGATIVE POWER SUPPLY
.SUBCKT TSM221C 1 3 2 4 5
**********************************************************
************************* RVAR *************************
.SUBCKT RVAR 20 10 IN OUT
VSENS0 IN 1 0V
R0 1 OUT 125
F0 1 OUT POLY(2) VSENS0 VSENS2 0 0 0 0 1E+08
VSENS2 20 3 0V
R2 3 10 1E+09
.ENDS RVAR
*********************** COMPARATOR *********************
.MODEL MDTH D IS=1E-11 KF=1.050321E-32
CJO=10F
* INPUT STAGE
CIP 2 5 1.000000E-12
CIN 1 5 1.000000E-12
EIP 10 0 2 0 1
EIN 16 0 1 0 1
RIP 10 11 6.500000E+01
RIN 15 16 6.500000E+01
RIS 11 15 1.939046E+02
DIP 11 12 MDTH 400E-12
DIN 15 14 MDTH 400E-12
VOFP 12 13 DC 0.000000E+00
VOFN 13 14 DC 0
IPOL 13 0 100E-06
CPS 11 15 8.16E-09
DINN 17 13 MDTH 400E-12
VIN 17 5 0.000000e+00
DINR 15 18 MDTH 400E-12
VIP 4 18 1.200000E+00
FCP 4 5 VOFP 0.02
FCN 5 4 VOFN 0.02
FIBP 2 0 VOFN 2.000000E-08
FIBN 0 1 VOFP 2.000000E-08
* AMPLIFYING STAGE
RG1 5 19 2.8E+05
RG2 4 19 2.8E+05
DOPM 19 22 MDTH 400E-12
DONM 21 19 MDTH 400E-12
HOPM 22 28 VOUT 3000
VIPM0 28 40 -87
EIPM 40 4 4 5 42
**VIPM 28 4 150
HONM 21 27 VOUT 3000
VINM0 50 27 -114
EINM 5 50 4 5 54
**VINM 5 27 150
DOP 19 25 MDTH 400E-12
VOP 4 25 1.097
DON 24 19 MDTH 400E-12
VON 24 5 1.097
FIP 0 19 VOFP 104
FIN 0 19 VOFN 104
EOUT 26 23 19 5 1
VOUT 23 5 0V
XOUT 4 5 26 3 RVAR
*ROUT 26 3 62.5
.ENDS
MACROMODEL FOR COMPARTORS (VCC = 3V)
Applies to : TSM221
ELECTRICAL CHARACTERISTICS VCC
+ = 3V, VCC- = 0V, Tamb =25oC, unless otherwise specified
Symbol
Conditions
Value
Unit
Vio
Vic = 1.5V
0
mV
ICC
No load, per operator
7
µA
Vicm
0to 1.8V
V
VOH
Vid = 1V, IOH = -4mA
2.4
V
VOL
Vid = 1V, IOH = -4mA
300
mV
tPLH
Overdrive = 5mV
1.5
µs
tPHL
Overdrive = 5mV
2.2
µs
TSM221
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com