Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9544A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9544A
Description  4-channel I2C-bus multiplexer with interrupt logic
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9544A Datasheet HTML 1Page - NXP Semiconductors PCA9544A Datasheet HTML 2Page - NXP Semiconductors PCA9544A Datasheet HTML 3Page - NXP Semiconductors PCA9544A Datasheet HTML 4Page - NXP Semiconductors PCA9544A Datasheet HTML 5Page - NXP Semiconductors PCA9544A Datasheet HTML 6Page - NXP Semiconductors PCA9544A Datasheet HTML 7Page - NXP Semiconductors PCA9544A Datasheet HTML 8Page - NXP Semiconductors PCA9544A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PCA9544A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 November 2008
2 of 27
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
3.
Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9544AD
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
PCA9544APW
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
PCA9544ABS
HVQFN20
plastic thermal enhanced very thin quad flat package;
no leads; 20 terminals; body 5
× 5 × 0.85 mm
SOT662-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9544AD
PCA9544AD
−40 °C to +85 °C
PCA9544APW
PA9544A
−40 °C to +85 °C
PCA9544ABS
9544A
−40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com