Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 9Page - NXP Semiconductors PCF2123 Datasheet HTML 10Page - NXP Semiconductors PCF2123 Datasheet HTML 11Page - NXP Semiconductors PCF2123 Datasheet HTML 12Page - NXP Semiconductors PCF2123 Datasheet HTML 13Page - NXP Semiconductors PCF2123 Datasheet HTML 14Page - NXP Semiconductors PCF2123 Datasheet HTML 15Page - NXP Semiconductors PCF2123 Datasheet HTML 16Page - NXP Semiconductors PCF2123 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
13 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
After reset, the following mode is entered:
• 32.768 kHz on pin CLKOUT active
• 24 hour mode is selected
• Offset register is set to 0
• No alarms set
• Timer disabled
• No interrupts enabled
Table 7.
Register reset values
Bits labeled as - are not implemented. Bits labeled as X are undefined at power-on and unchanged
by subsequent resets.
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
0
0
0
0
0
0
0
0
01h
Control_2
0
0
0
0
0
0
0
0
02h
Seconds
1
X
X
X
X
X
X
X
03h
Minutes
1
X
X
X
X
X
X
X
04h
Hours
-
-
X
X
X
X
X
X
05h
Days
-
-
X
X
X
X
X
X
06h
Weekdays
-
-
-
-
-
X
X
X
07h
Months
-
-
-
X
X
X
X
X
08h
Years
X
X
X
X
X
X
X
X
09h
Minute_alarm
1
X
X
X
X
X
X
X
0Ah
Hour_alarm
1
-
X
X
X
X
X
X
0Bh
Day_alarm
1
-
X
X
X
X
X
X
0Ch
Weekday_alarm
1
-
-
-
-
X
X
X
0Dh
Offset_register
0
0
0
0
0
0
0
0
0Eh
Timer_clkout
-
0
0
0
0
-
1
1
0Fh
Countdown_timer
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com