Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXDV608 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TXDV608
Description  ALTERNISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TXDV608 Datasheet(HTML) 3 Page - STMicroelectronics

  TXDV608 Datasheet HTML 1Page - STMicroelectronics TXDV608 Datasheet HTML 2Page - STMicroelectronics TXDV608 Datasheet HTML 3Page - STMicroelectronics TXDV608 Datasheet HTML 4Page - STMicroelectronics TXDV608 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
123
456
78
0
2
4
6
8
10
12
14
180
O
=180
o
=120
o
=90
o
=60
o
=30
o
T(RMS)
I(A)
P(W)
Fig.1 : Maximum RMS power dissipation versus RMS
on-state current (F=50Hz).
(Curves are cut off by (dI/dt)c limitation)
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
-90
-85
-95
-100
-115
-105
-125
-110
-120
P(W)
Tamb(C)
o
Tcase ( C)
o
Rth = 0 C/W
2C/W
4C/W
6C/W
o
o
o
o
Fig.2 : Correlation between maximum RMS power
dissipation and maximum allowable temperatures (Tamb
and Tcase) for different thermal resistances heatsink +
contact.
0
10203040 5060708090 100 110 120 130
0
2
4
6
8
10
=180
o
Tcase( C)
o
I(A)
T(RMS)
Fig.3 : RMS on-state current versus case temperature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E +2 5E+2
0.01
0.1
1
Zth/Rth
Zth(j-c)
Zth(j-a)
tp(s)
Fig.4 : Relative variation of thermal impedance versus
pulse duration.
Fig.5 : Relative variation of gate trigger current and
holding current versus junction temperature.
Fig.6 : Non Repetitive surge peak on-state current
versus number of cycles.
TXDV 408 ---> 808
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com