Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 17Page - NXP Semiconductors PCF8534A Datasheet HTML 18Page - NXP Semiconductors PCF8534A Datasheet HTML 19Page - NXP Semiconductors PCF8534A Datasheet HTML 20Page - NXP Semiconductors PCF8534A Datasheet HTML 21Page - NXP Semiconductors PCF8534A Datasheet HTML 22Page - NXP Semiconductors PCF8534A Datasheet HTML 23Page - NXP Semiconductors PCF8534A Datasheet HTML 24Page - NXP Semiconductors PCF8534A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PCF8534A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2008
21 of 44
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
8.2 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCF8534A.
The least significant bit of the slave address is bit R/W. The PCF8534A is a write-only
device. It will not respond to a read access, so this bit should always be logic 0. The
second bit of the slave address is defined by the level tied at input SA0. Two displays
controlled by PCF8534A can be recognized on the same I2C-bus which allows:
• Up to 16 PCF8534As on the same I2C-bus for very large LCD applications
• The use of two types of LCD multiplex on the same I2C-bus
The I2C-bus protocol is shown in Figure 17. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of the available PCF8534A
slave addresses. All PCF8534As with the same SA0 level acknowledge in parallel to the
slave address. All PCF8534As with the alternative SA0 level ignore the whole I2C-bus
transfer.
After acknowledgement, the control byte is sent defining if the next byte is RAM or
command information. The control byte also defines if the next byte is a control byte or
further RAM/command data (see Figure 16 and Table 8). In this way it is possible to
configure the device and then fill the display RAM with little overhead.
The command bytes and control bytes are also acknowledged by all addressed
PCF8534As connected to the bus.
The display bytes are stored in the display RAM at the address specified by the data
pointer and the subaddress counter. Both data pointer and subaddress counter are
automatically updated.
The acknowledgement after each byte is made only by the (A0, A1 and A2) addressed
PCF8534A. After the last display byte, the I2C-bus master issues a STOP condition (P).
Alternatively a START may be issued to RESTART I2C-bus access.
Fig 16. Control byte format
Table 8.
Load data pointer command bit description
Bit
Symbol
Value
Description
7CO
continue bit
0
last control byte
1
control bytes continue
6RS
register selection
0
command register
1
data register
5 to 0
-
not relevant
mgl753
not relevant
CO
7
6
5
4
3
210
RS
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com