Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK953 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK953
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK953 Datasheet HTML 1Page - NXP Semiconductors PCK953 Datasheet HTML 2Page - NXP Semiconductors PCK953 Datasheet HTML 3Page - NXP Semiconductors PCK953 Datasheet HTML 4Page - NXP Semiconductors PCK953 Datasheet HTML 5Page - NXP Semiconductors PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors PCK953 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
2 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
3.
Ordering information
Also refer to Table 8 “Packing information”.
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCK953BD
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
PCK953BD/G
Fig 1.
Functional diagram
PECL_CLK
002aae138
PECL_CLK
FB_CLK
PHASE
DETECTOR
VCO_SEL
BYPASS
MR/OE
PLL_EN
LPF
VCO
200 MHz
to 500 MHz
÷ 2
÷ 4
QFB
Q0 to Q6
Q7
7
Fig 2.
Pin configuration for LQFP32
PCK953BD
PCK953BD/G
VCCA
Q1
FB_CLK
VCCO
n.c.
Q2
n.c.
GNDO
n.c.
Q3
n.c.
VCCO
GNDI
Q4
PECL_CLK
GNDO
002aae137
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com