Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/2 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8576DT/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/2 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8576DT/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 30Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 31Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DT/2 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
PCF8576D_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 18 December 2008
33 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
12. Application information
12.1 Cascaded operation
In large display configurations, up to 16 PCF8576Ds can be differentiated on the same
I2C-bus by using the 3-bit hardware subaddresses (A0, A1 and A2) and the
programmable I2C-bus slave address (SA0).
PCF8576Ds connected in cascade are synchronized to allow the backplane signals from
only one device in the cascade to be shared. This arrangement is cost-effective in large
LCD applications since the backplane outputs of only one device need to be
through-plated to the backplane electrodes of the display. The other cascaded
PCF8576Ds contribute additional segment outputs but their backplane outputs are left
open-circuit (see Figure 22).
All PCF8576Ds connected in cascade are correctly synchronized by the SYNC signal.
This synchronization is guaranteed after the power-on reset. The only time that SYNC is
likely to be needed is if synchronization is lost accidentally, for example, by noise in
adverse electrical environments, or if the LCD multiplex drive mode is changed in an
application using several cascaded PCF8576Ds, as the drive mode cannot be changed on
all of the cascaded devices simultaneously. SYNC can be either an input or an output
signal; a SYNC output is implemented as an open-drain driver with an internal pull-up
resistor. The PCF8576D asserts SYNC at the start of its last active backplane signal and
monitors the SYNC line at all other times. If cascade synchronization is lost, it is restored
by the first PCF8576D to assert SYNC. The timing relationship between the backplane
waveforms and the SYNC signal for each LCD drive mode is shown in Figure 23.
Table 17.
Addressing cascaded PCF8576D
Cluster
Bit SA0
Pin A2
Pin A1
Pin A0
Device
100000
0011
0102
0113
1004
1015
1106
1117
210008
0019
01010
01111
10012
10113
11014
11115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com