Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN210 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN210
Description  SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN210 Datasheet(HTML) 3 Page - STMicroelectronics

  TYN210 Datasheet HTML 1Page - STMicroelectronics TYN210 Datasheet HTML 2Page - STMicroelectronics TYN210 Datasheet HTML 3Page - STMicroelectronics TYN210 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYN210 ---> TYN1010
3/4
0
10
2030
4050607080
90 100 110 120 130
0
2
4
6
8
10
12
I
(A)
T(AV)
= 180
o
DC
Tcase ( C)
o
Fig. 3: Average on-state current versus case tem-
perature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E +2 5E+2
0.01
0.1
1
Zth/Rth
Zth(j-c)
Zth(j-a)
tp(s)
Fig. 4: Relative variation of thermal impedance
versus pulse duration.
Fig. 5: Relative variation of gate trigger current
versus junction temperature.
Fig. 6: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 7: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.
Fig. 8: On-state characteristics (maximum values).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com