Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S161 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM7S161
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S161 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM7S161 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
1.
Description
Atmel’s AT91SAM7S is a series of low pincount Flash microcontrollers based on the 32-bit ARM
RISC processor. It features a high-speed Flash and an SRAM, a large set of peripherals, includ-
ing a USB 2.0 device (except for the AT91SAM7S32 and AT91SAM7S16), and a complete set
of system functions minimizing the number of external components. The device is an ideal
migration path for 8-bit microcontroller users looking for additional performance and extended
memory.
The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via
a parallel interface on a production programmer prior to mounting. Built-in lock bits and a secu-
rity bit protect the firmware from accidental overwrite and preserves its confidentiality.
The AT91SAM7S Series system controller includes a reset controller capable of managing the
power-on sequence of the microcontroller and the complete system. Correct device operation
can be monitored by a built-in brownout detector and a watchdog running off an integrated RC
oscillator.
The AT91SAM7S Series are general-purpose microcontrollers. Their integrated USB Device
port makes them ideal devices for peripheral applications requiring connectivity to a PC or cellu-
lar phone. Their aggressive price point and high level of integration pushes their scope of use far
into the cost-sensitive, high-volume consumer market.
1.1
Configuration Summary of the AT91SAM7S512, AT91SAM7S256, AT91SAM7S128,
AT91SAM7S64, AT91SAM7S321, AT91SAM7S32, AT91SAM7S161 and AT91SAM7S16
The AT91SAM7S512, AT91SAM7S256, AT91SAM7S128, AT91SAM7S64, AT91SAM7S321,
AT91SAM7S32, AT91SAM7S161 and AT91SAM7S16 differ in memory size, peripheral set and
package. Table 1-1 summarizes the configuration of the six devices.
Except for the AT91SAM7S32/16, all other AT91SAM7S devices are package and pinout
compatible.
Notes:
1. Fractional Baud Rate.
2. Full modem line support on USART1.
3. Only two TC channels are accessible through the PIO.
Table 1-1.
Configuration Summary
Device
Flash
TWI
Flash
Organization SRAM
USB
Device
Port
USART
External
Interrupt
Source
PDC
Channels
TC
Channels
I/O 5V
Tolerant
I/O
Lines
Package
AT91SAM7S512 512 Kbytes Master
dual plane
64 Kbytes 1
2
(1) (2)
211
3
Yes
32
LQFP/
QFN 64
AT91SAM7S256 256 Kbytes Master
single plane
64 Kbytes 1
2
(1) (2)
211
3
Yes
32
LQFP/
QFN 64
AT91SAM7S128 128 Kbytes Master
single plane
32 Kbytes 1
2
(1) (2)
211
3
Yes
32
LQFP/
QFN 64
AT91SAM7S64
64 Kbytes
Master
single plane
16 Kbytes 1
2
(2)
211
3
Yes
32
LQFP/
QFN 64
AT91SAM7S321 32 Kbytes
Master
single plane
8 Kbytes
1
2
(2)
211
3
Yes
32
LQFP/
QFN 64
AT91SAM7S32
32 Kbytes
Master
single plane
8 Kbytes
not
present
11
9
3
(3)
Yes
21
LQFP/
QFN 48
AT91SAM7S161 16 Kbytes
Master/
Slave
single plane
4 Kbytes
1
2
(2)
211
3
No
32
LQFP
AT91SAM7S16
16 Kbytes
Master/
Slave
single plane
4 Kbytes
not
present
11
9
3
(3)
No
21
LQFP/
QFN 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com