Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S16 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM7S16
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S16 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM7S16 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7S16 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
8.7
Memory Mapping
8.7.1
Internal SRAM
• The AT91SAM7S512 embeds a high-speed 64-Kbyte SRAM bank.
• The AT91SAM7S256 embeds a high-speed 64-Kbyte SRAM bank.
• The AT91SAM7S128 embeds a high-speed 32-Kbyte SRAM bank.
• The AT91SAM7S64 embeds a high-speed 16-Kbyte SRAM bank.
• The AT91SAM7S321 embeds a high-speed 8-Kbyte SRAM bank.
• The AT91SAM7S32 embeds a high-speed 8-Kbyte SRAM bank.
• The AT91SAM7S161 embeds a high-speed 4-Kbyte SRAM bank.
• The AT91SAM7S16 embeds a high-speed 4-Kbyte SRAM bank
After reset and until the Remap Command is performed, the SRAM is only accessible at address
0x0020 0000. After Remap, the SRAM also becomes available at address 0x0.
8.7.2
Internal ROM
The AT91SAM7S Series embeds an Internal ROM. The ROM contains the FFPI and the
SAM-BA program.
The internal ROM is not mapped by default.
8.7.3
Internal Flash
• The AT91SAM7S512 features two contiguous banks (dual plane) of 256 Kbytes of Flash.
• The AT91SAM7S256 features one bank (single plane) of 256 Kbytes of Flash.
• The AT91SAM7S128 features one bank (single plane) of 128 Kbytes of Flash.
• The AT91SAM7S64 features one bank (single plane) of 64 Kbytes of Flash.
• The AT91SAM7S321/32 features one bank (single plane) of 32 Kbytes of Flash.
• The AT91SAM7S161/16 features one bank (single plane) of 16 Kbytes of Flash.
At any time, the Flash is mapped to address 0x0010 0000. It is also accessible at address 0x0
after the reset and before the Remap Command.
Figure 8-2.
Internal Memory Mapping
256 MBytes
Flash Before Remap
SRAM After Remap
Undefined Areas
(Abort)
0x000F FFFF
0x001F FFFF
0x002F FFFF
0x0FFF FFFF
1 MBytes
1 MBytes
1 MBytes
253 MBytes
Internal Flash
Internal SRAM
0x0000 0000
0x0010 0000
0x0020 0000
0x0030 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com