Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN606 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TYN606
Description  SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN606 Datasheet(HTML) 2 Page - STMicroelectronics

  TYN606 Datasheet HTML 1Page - STMicroelectronics TYN606 Datasheet HTML 2Page - STMicroelectronics TYN606 Datasheet HTML 3Page - STMicroelectronics TYN606 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYN606 TYN1006
2/4
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC
Junction to case for DC
2.5
°C/W
GATE CHARACTERISTICS (maximum values)
PG(AV) =1W
PGM = 10W (tp = 20µs)
IFGM = 4A (tp = 20µs)
VRGM =5V
THERMAL RESISTANCE
Symbol
Test conditions
Value
Unit
IGT
VD = 12V (DC)
RL =33
Ω
Tj = 25°C
MAX.
15
mA
VGT
VD = 12V (DC)
RL =33
Ω
Tj = 25°C
MAX.
1.5
V
VGD
VD =VDRM
RL = 3.3k
Ω
Tj =110°C
MIN.
0.2
V
tgt
VD =VDRM
IG = 40mA
dIG/dt = 0.5A/µs
Tj = 25°C
TYP.
2
µs
IL
IG = 1.2IGT
Tj = 25°C
TYP.
50
mA
IH
IT = 100mA Gate open
Tj = 25°C
MAX.
30
mA
VTM
ITM = 12A
tp = 380µs
Tj = 25°C
MAX.
1.6
V
IDRM
IRRM
VDRM rated
VRRM rated
Tj = 25°C
MAX.
0.01
mA
Tj = 110°C
MAX.
2
dV/dt
Linear slope up to
VD = 67% VDRM gate open
Tj = 110°C
MIN.
200
V/
µs
tq
VD=67%VDRM
ITM= 12A
VR= 25V
dITM/dt=30 A/
µsdVD/dt= 50V/µs
Tj = 110°C
TYP.
70
µs
ELECTRICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
P(W)
360
O
=180
o
=120
o
=90
o
=60
o
=30
o
DC
I(A)
T(AV)
Fig. 1: Maximum average power dissipation ver-
sus average on-state current.
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
-110
-115
-120
-125
P (W)
Tcase ( C)
o
Rth = 0 C/W
5C/W
10 C/W
15 C/W
o
o
o
o
=180
o
Tamb ( C)
o
Fig. 2: Correlation between maximum average
power dissipation and maximum allowable temper-
atures (Tamb and Tcase) for different thermal
resistances heatsink + contact.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com