Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAF7115 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 9Page - NXP Semiconductors SAF7115 Datasheet HTML 10Page - NXP Semiconductors SAF7115 Datasheet HTML 11Page - NXP Semiconductors SAF7115 Datasheet HTML 12Page - NXP Semiconductors SAF7115 Datasheet HTML 13Page - NXP Semiconductors SAF7115 Datasheet HTML 14Page - NXP Semiconductors SAF7115 Datasheet HTML 15Page - NXP Semiconductors SAF7115 Datasheet HTML 16Page - NXP Semiconductors SAF7115 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
13 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
7.
Limiting values
[1]
Condition for maximum voltage at digital inputs or I/O pins: 3.0 V < VDDD < 3.6 V.
[2]
Class 2 according to
EIA/JESD22-114.
[3]
Class C3B according to
AEC-Q100-011.
8.
Thermal characteristics
[1]
The overall Rth(j-a) value can vary depending on the board layout. To minimize the effective Rth(j-a) all power
and ground pins must be connected to the power and ground layers directly and use maximum areas for
power and ground planes in the application PCB.
In order to meet the specified Rth(j-a) value the exposed die pad of the package has to be soldered directly
to the ground layer of the application PCB.
[2]
The overall Rth(j-a) value can vary depending on the board layout. To minimize the effective Rth(j-a) all power
and ground pins must be connected to the power and ground layers directly and use maximum areas for
power and ground planes in the application PCB.
The Rth(j-a) value is calculated for a 4 layer PCB (100 × 100 mm2) with at least 50 plated through-hole-vias
at the center of the package (large ground area). This calculation assumes 80 % coverage for power and
ground metal layers and a natural convection flow at top and bottom sides of the PCB.
Maximum ball temperature then is 110
°C, assuming ambient temperature Tamb(max) = 85 °C.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
All ground pins connected together and grounded (0 V); all supply pins connected together.
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA0
analog supply voltage 0
for CGC1 and CGC2
−0.5
+4.6
V
VDDA1
analog supply voltage 1
for analog inputs AI1x
−0.5
+4.6
V
VDDA2
analog supply voltage 2
for analog inputs AI2x
−0.5
+4.6
V
VDDA(XTAL)
crystal analog supply voltage
−0.5
+4.6
V
VDDD(CORE)
core digital supply voltage
−0.5
+4.6
V
VDDD(IO)
I/O digital supply voltage
−0.5
+4.6
V
VI(a)
analog input voltage
−0.5
+4.6
V
Vi
input voltage
at pins XTALI, SDA and SCL
−0.5
VDDx + 0.5 V
VI(D)
digital input voltage
outputs in 3-state
−0.5
+4.6
V
[1]
−0.5
+5.5
V
∆VSS
ground supply voltage
difference
-
100
mV
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
Vesd
electrostatic discharge
voltage
human body model, all pins
[2] -
±2000
V
charged device model, corner pins
[3] -
±750
V
charged device model, all other pins
[3] -
±500
V
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient in free air
SAF7115ET
[1] 23
K/W
SAF7115HW
[2] 35
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com