Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL152X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL152X
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL152X Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL152X Datasheet HTML 1Page - NXP Semiconductors SSL152X Datasheet HTML 2Page - NXP Semiconductors SSL152X Datasheet HTML 3Page - NXP Semiconductors SSL152X Datasheet HTML 4Page - NXP Semiconductors SSL152X Datasheet HTML 5Page - NXP Semiconductors SSL152X Datasheet HTML 6Page - NXP Semiconductors SSL152X Datasheet HTML 7Page - NXP Semiconductors SSL152X Datasheet HTML 8Page - NXP Semiconductors SSL152X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
5 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
8.
Functional description
The SSL152x family is the heart of a compact flyback converter, with the IC placed at the
primary side. The auxiliary winding of the transformer can be used for indirect feedback to
control the isolated output. This additional winding also powers the IC. A more accurate
control of the output voltage and/or current can be implemented with an additional
secondary sensing circuit and opto coupler feedback.
The SSL152x family uses voltage mode control. The switching frequency is determined by
the maximum transformer demagnetizing time and the time of the oscillator. In the first
case, the converter operates in the Self Oscillating Power Supply (SOPS) mode. In the
latter case, it operates at a constant frequency, which can be adjusted with external
components RRC and CRC. Furthermore, a primary stroke is started only in a valley of the
secondary ringing. This can use constant power or constant current mode to drive LEDs.
The valley switching principle minimizes capacitive switch-on losses.
8.1 Start-up and undervoltage lockout
Initially, the IC is self-supplying from the rectified mains voltage. The IC starts switching as
soon as the voltage on pin VCC passes the VCC(startup) level. The supply is taken over by
the auxiliary winding of the transformer as soon as VCC is high enough and the supply
from the line is stopped for high efficiency operation.
When for some reason the auxiliary supply is not sufficient, the high-voltage supply also
supplies the IC. As soon as the voltage on pin VCC drops below the VCC(stop) level, the IC
stops switching and restarts from the rectified mains voltage.
8.2 Oscillator
The frequency of the oscillator is set by the external resistor and capacitor on pin RC. The
external capacitor is charged rapidly to the VRC(max) level and, starting from a new primary
stroke, it discharges to the VRC(min) level. Because the discharge is exponential, the
relative sensitivity of the duty factor to the regulation voltage at low duty factor is almost
equal to the sensitivity at high duty factors. This results in a more constant gain over the
duty factor range compared to systems with a linear sawtooth oscillator. Stable operation
at low duty factors is easily realized. For high efficiency, the frequency is reduced as soon
as the duty factor drops below a certain value. This is accomplished by increasing the
oscillator charge time.
To ensure that the capacitor can be charged within the charge time, the value of the
oscillator capacitor should be limited to approximately 1 nF.
8.3 Duty factor control
The duty factor is controlled by the internal regulation voltage and the oscillator signal on
pin RC. The internal regulation voltage is equal to the external regulation voltage (minus
2.5 V) multiplied by the gain of the error amplifier (typically 20 dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com