Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1523P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL1523P
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1523P Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL1523P Datasheet HTML 1Page - NXP Semiconductors SSL1523P Datasheet HTML 2Page - NXP Semiconductors SSL1523P Datasheet HTML 3Page - NXP Semiconductors SSL1523P Datasheet HTML 4Page - NXP Semiconductors SSL1523P Datasheet HTML 5Page - NXP Semiconductors SSL1523P Datasheet HTML 6Page - NXP Semiconductors SSL1523P Datasheet HTML 7Page - NXP Semiconductors SSL1523P Datasheet HTML 8Page - NXP Semiconductors SSL1523P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
3 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
6.
Block diagram
Pin numbers without parenthesis refer to DIP8 packages and within parenthesis refer to SO14 packages.
Fig 1.
Block diagram
014aaa563
PROTECTION
LOGIC
LOGIC
SUPPLY
SSL152x
VALLEY
POWER - UP
RESET
THERMAL
SHUTDOWN
OSCILLATOR
stop
low freq
100 mV
0.75 V
0.5 V
blank
short circuit winding
overcurrent
10
×
2.5 V
F
1.8
U
1 (1)
2 (2, 3, 4,
5, 9, 10)
3 (6)
4 (7)
8 (14)
7 (12, 13)
6 (11)
5 (8)
DRAIN
n.c.
GND
SOURCE
AUX
REG
RC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com