Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8950 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 9Page - NXP Semiconductors TDA8950 Datasheet HTML 10Page - NXP Semiconductors TDA8950 Datasheet HTML 11Page - NXP Semiconductors TDA8950 Datasheet HTML 12Page - NXP Semiconductors TDA8950 Datasheet HTML 13Page - NXP Semiconductors TDA8950 Datasheet HTML 14Page - NXP Semiconductors TDA8950 Datasheet HTML 15Page - NXP Semiconductors TDA8950 Datasheet HTML 16Page - NXP Semiconductors TDA8950 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
13 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
11. Static characteristics
[1]
The circuit is DC adjusted at VP = ±12.5 V to ±42.5 V.
[2]
With respect to SGND (0 V).
[3]
The transition between Standby and Mute mode has hysteresis, while the slope of the transition between Mute and Operating mode is
determined by the time-constant of the RC-network on pin MODE; see Figure 8.
[4]
DC output offset voltage is gradually applied to the output during the transition between the Mute and Operating modes. The slope
caused by any DC output offset is determined by the time-constant of the RC-network on pin MODE.
[5]
At a junction temperature of approximately Tact(th_fold) − 5 °C the gain reduction will commence and at a junction temperature of
approximately Tact(th_prot) the amplifier switches off.
Table 7.
Static characteristics
VP = ±35 V; fosc = 345 kHz; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VP
supply voltage
[1]
±12.5 ±35
±40
V
VP(ovp)
overvoltage protection supply voltage
non-operating; VDD − VSS
85
-
90
V
VP(uvp)
undervoltage protection supply voltage VDD − VSS
20
-
25
V
Iq(tot)
total quiescent current
Operating mode; no load; no
filter; no RC-snubber network
connected
-
5075mA
Istb
standby current
-
480
600
µA
Mode select input; pin MODE
VMODE
voltage on pin MODE
referenced to SGND
[2] 0
-
6.0
V
Standby mode
[2][3] 0
-
0.8
V
Mute mode
[2][3] 2.2
-
3.0
V
Operating mode
[2][3] 4.2
-
6.0
V
II
input current
VI = 5.5 V
-
110
150
µA
Audio inputs; pins IN1M, IN1P, IN2P and IN2M
VI
input voltage
DC input
[2] -0
-V
Amplifier outputs; pins OUT1 and OUT2
VO(offset)
output offset voltage
SE; mute
-
-
±15
mV
SE; operating
[4] --
±150
mV
BTL; mute
-
-
±21
mV
BTL; operating
[4] --
±210
mV
Stabilizer output; pin STABI
VO(STABI)
output voltage on pin STABI
mute and operating; with
respect to VSSP1
9.3
9.8
10.3
V
Temperature protection
Tact(th_prot)
thermal protection activation
temperature
-
154
-
°C
Tact(th_fold)
thermal foldback activation
temperature
closed loop SE voltage gain
reduced with 6 dB
[5] -
153
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com