Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFA9815 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TFA9815
Description  Stereo full-bridge audio amplifier 2 x 17 W
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9815 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TFA9815 Datasheet HTML 17Page - NXP Semiconductors TFA9815 Datasheet HTML 18Page - NXP Semiconductors TFA9815 Datasheet HTML 19Page - NXP Semiconductors TFA9815 Datasheet HTML 20Page - NXP Semiconductors TFA9815 Datasheet HTML 21Page - NXP Semiconductors TFA9815 Datasheet HTML 22Page - NXP Semiconductors TFA9815 Datasheet HTML 23Page - NXP Semiconductors TFA9815 Datasheet HTML 24Page - NXP Semiconductors TFA9815 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TFA9815_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 16 December 2008
21 of 26
NXP Semiconductors
TFA9815
Audio amplifier 2 x 17 W
13.8 Typical application: bill of materials
Remark: The power supply requires at least a 1000
µF capacitor.
Table 14.
Typical application: bill of materials
Item
Quantity
Reference
Part
Footprint
1
2
C1, C2.
220 mF/35 V
CE09-02R
2
5
C3, C4, C5, C31,
C33.
100 nF/50 V
SMD 0805 X7R
3
2
C16, C17.
1 mF/50 V
SMD 1206 X7R
4
4
C6, C7, C18, C26
1 mF/25 V
MKT
5
4
C8, C10, C21, C24.
220 pF/25 V
SMD 0402 NP0
6
4
C9, C14, C19, C25.
220 nF/25 V
SMD 0805 X7R
7
1
C11
47 pF/25 V
SMD 0402 NP0
8
4
C12, C13, C20,
C23.
680 nF/25 V
MKT
9
1
C22.
68 pF/25 V
SMD 0402 NP0
10
3
J1, J3, J6.
CON2
2 pins terminal
11
2
J2, J5.
CINCH
CINCH
12
2
J4, J7
Jumper
Closed on demo board only
13
2
L1, L2
BEAD
SMD 1206 Würth Elektronik DC < 0.5
Ω
10 MHz > 80
Ω
14
1
R35
200 k
Ω /
0.1 W / 5 %
SMD 0603
15
1
C15
4.7
µF / 16 V
16
4
L3, L4, L5, L6.
22
µH
8RDY TOKO A7040HN-220M,
11RHBP TOKO A7503CY-220M or
Sagami 7311NA-220M
17
5
R3
10 / 0.25 W /
5%
SMD 1206
18
4
R5, R14, R17, R26.
100 k
Ω /
0.1 W/1%
for 20 dB
200 k /
0.1 W/1%
for 26 dB
SMD 0603
19
12
R6, R7, R10, R11,
R18, R19, R22,
R23, R31, R32,
R33, R34.
10 k
Ω
/0.1W/1%
SMD 0603
20
1
R100
22
Ω / 5 % /
0.1 W
SMD 0603
21
1
SW1
SC 1X1
Secme 090320901
22
1
U1
TFA9815T
SOT287-1 (SO32) NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com