Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2014P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2014P
Description  600 V driver IC for HF fluorescent lamps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2014P Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2014P Datasheet HTML 1Page - NXP Semiconductors UBA2014P Datasheet HTML 2Page - NXP Semiconductors UBA2014P Datasheet HTML 3Page - NXP Semiconductors UBA2014P Datasheet HTML 4Page - NXP Semiconductors UBA2014P Datasheet HTML 5Page - NXP Semiconductors UBA2014P Datasheet HTML 6Page - NXP Semiconductors UBA2014P Datasheet HTML 7Page - NXP Semiconductors UBA2014P Datasheet HTML 8Page - NXP Semiconductors UBA2014P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
UBA2014_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 16 October 2008
2 of 19
NXP Semiconductors
UBA2014
600 V driver IV for HF fluorescent lamps
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
VDD =13V; VFVDD − VSH = 13 V; Tamb =25 °C; all voltages are referenced to GND; see test circuit of Figure 8; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Start-up state
VDD(stop)
oscillator stop supply
voltage
8.6
9.1
9.6
V
VDD(start)
oscillator start supply
voltage
12.4
13.0
13.6
V
IDD(start)
oscillator start-up supply
current
VDD <VDD(start)
-
170
200
µA
High-voltage supply
VHS
high-side supply voltage
IHS <30 µA
-
-
570
V
Reference voltage
VVREF
reference voltage
IL =10 µA
2.86
2.95
3.04
V
Voltage controlled oscillator
fmax
maximum bridge frequency
90
100
110
kHz
fmin
minimum bridge frequency
38.9
40.5
42.1
kHz
High-side output driver
Io(source)
output source current
VGH − VSH = 0 V
135
180
235
mA
Io(sink)
output sink current
VGH − VSH = 13 V
265
330
415
mA
Preheat current sensor
Vph
preheat voltage
0.57
0.60
0.63
V
Lamp voltage sensor
Vlamp(fail)
lamp fail voltage
0.77
0.81
0.85
V
Vlamp(max)
maximum lamp voltage
1.44
1.49
1.54
V
Average current sensor
Voffset
offset voltage
VCSP =VCSN = 0 V to 2.5 V
−2
0
+2
mV
gm
transconductance
f = 1 kHz
1900
3800
5700
µA/mV
Preheat timer
tph
preheat time
CCT = 330 nF;
RIREF =33kΩ
1.6
1.8
2.0
s
VOL
LOW-level output voltage
-
1.4
-
V
VOH
HIGH-level output voltage
-
3.6
-
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
UBA2014T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
UBA2014P
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com