Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYP212 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYP212
Description  SCR FOR OVERVOLTAGE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYP212 Datasheet(HTML) 1 Page - STMicroelectronics

  TYP212 Datasheet HTML 1Page - STMicroelectronics TYP212 Datasheet HTML 2Page - STMicroelectronics TYP212 Datasheet HTML 3Page - STMicroelectronics TYP212 Datasheet HTML 4Page - STMicroelectronics TYP212 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TYP 212 --->TYP 2012
April 1995
SCR FOR OVERVOLTAGE PROTECTION
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180
° conduction angle, single phase circuit)
Tc = 110
°C12
A
IT(AV)
Average on-state current
(180
° conduction angle, single phase circuit)
Tc = 110
°C8
A
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp = 8.3 ms
315
A
tp = 10 ms
300
I2tI2t value
tp = 10 ms
450
A2s
ITM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
Exponential pulse wave form
tp = 1 ms
750
A
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 100 mA diG/dt = 1 A/µs
100
A/
µs
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
°C
Tl
Maximum lead temperature for soldering during 10 s at 4.5 mm
from case
260
°C
TO220AB
(Plastic)
K
A
G
.
HIGH SURGE CURRENT CAPABILITY
.
HIGH dI/dt RATING
.
HIGH STABILITY AND RELIABILITY
DESCRIPTION
Symbol
Parameter
TYP
Unit
212
512
1012
2012
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
25
50
100
200
V
ABSOLUTE RATINGS (limiting values)
FEATURES
The TYP 212 ---> 1012 Family uses high perform-
ance glass passivated chips technology.
These Silicon Controlled Rectifiers are designed for
overvoltage protection in crowbar circuits applica-
tion.
1/5


Similar Part No. - TYP212

ManufacturerPart #DatasheetDescription
logo
Rohm
TYPE ROHM-TYPE Datasheet
307Kb / 8P
Zener diode
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Mini-Circuits
TYPE-N_SMA MINI-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
logo
Frontier Electronics.
TYPE5106 FRONTIER-TYPE5106 Datasheet
120Kb / 1P
TV Convergence & Width coils
More results

Similar Description - TYP212

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR20H200CT-E3 KERSEMI-MBR20H200CT-E3 Datasheet
1Mb / 4P
Guarding for overvoltage protection
MBRF1090 KERSEMI-MBRF1090 Datasheet
1Mb / 3P
Guardring for overvoltage protection
MBRF2045CT-E345 KERSEMI-MBRF2045CT-E345 Datasheet
1Mb / 4P
Guardring for overvoltage protection
MBR1545CT-E3 KERSEMI-MBR1545CT-E3 Datasheet
1Mb / 4P
Guardring for overvoltage protection
MBR1650 KERSEMI-MBR1650 Datasheet
1Mb / 4P
Guardring for overvoltage protection
logo
Littelfuse
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Micro Commercial Compon...
SMD24LHE MCC-SMD24LHE Datasheet
430Kb / 3P
Guardring for overvoltage protection
SS34LHE MCC-SS34LHE Datasheet
539Kb / 3P
Guardring for overvoltage protection
logo
Vishay Siliconix
SL12-M3 VISHAY-SL12-M3 Datasheet
83Kb / 4P
Guardring for overvoltage protection
09-Dec-13
logo
First Silicon Co., Ltd
MBRF10150CT FS-MBRF10150CT Datasheet
465Kb / 3P
Guardring for overvoltage protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com