Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3012-ISZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS3012-ISZ
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012-ISZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS3012-ISZ Datasheet HTML 1Page - Cirrus Logic CS3012-ISZ Datasheet HTML 2Page - Cirrus Logic CS3012-ISZ Datasheet HTML 3Page - Cirrus Logic CS3012-ISZ Datasheet HTML 4Page - Cirrus Logic CS3012-ISZ Datasheet HTML 5Page - Cirrus Logic CS3012-ISZ Datasheet HTML 6Page - Cirrus Logic CS3012-ISZ Datasheet HTML 7Page - Cirrus Logic CS3012-ISZ Datasheet HTML 8Page - Cirrus Logic CS3012-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CS3011
CS3012
2
DS597F5
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS .................................................... 3
2. TYPICAL PERFORMANCE PLOTS ..................................................................... 4
3. CS3011/CS3012 OVERVIEW ............................................................................... 8
3.1 Open Loop Gain and Phase Response ......................................................................9
3.2 Open Loop Gain and Stability Compensation ...........................................................10
3.2.1 Discussion ................................................................................................10
3.2.2 Gain Calculations Summary and Recommendations ...............................13
3.3 Powerdown (PDWN) .................................................................................................13
3.4 Applications ..............................................................................................................14
4. ORDERING INFORMATION .............................................................................. 15
5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION ........ 15
6. PACKAGE DRAWING ........................................................................................ 16
7. REVISION HISTORY ......................................................................................... 17
LIST OF FIGURES
Figure 1. Noise vs. Frequency (Measured) ................................................................ 4
Figure 2. 0.01 Hz to 10 Hz Noise ............................................................................... 4
Figure 3. Supply Current vs. Temperature, 3011 ....................................................... 4
Figure 4. Noise vs. Frequency ................................................................................... 4
Figure 5. Offset Voltage Stability (DC to 3.2 Hz) ........................................................ 4
Figure 6. Supply Current vs. Temperature, 3012 ....................................................... 4
Figure 7. Supply Current vs. Voltage, 3011 ............................................................... 5
Figure 8. Supply Current vs. Voltage, 3012 ............................................................... 5
Figure 9. Open Loop Gain and Phase vs Frequency ................................................. 5
Figure 10. Open Loop Gain and Phase vs Frequency (Expanded) ........................... 6
Figure 11. Input Bias Current vs Common Mode Voltage (CS3012) ......................... 6
Figure 12. Voltage Swing vs. Output Current (2.7 V) ................................................. 7
Figure 13. Voltage Swing vs. Output Current (5 V) .................................................... 7
Figure 14. CS3011/CS3012 Open Loop Gain and Phase Response ........................ 9
Figure 15. Non-Inverting Gain Configuration ........................................................... 10
Figure 16. Non-Inverting Gain Configuration with Compensation ............................ 11
Figure 17. Loop Gain Plot: Unity Gain and with Pole-Zero Compensation .............. 12
Figure 18. Thermopile Amplifier with a Gain of 650 V/V .......................................... 14
Figure 19. Load Cell Bridge Amplifier and A/D Converter ........................................ 14
Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com