Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302-ISZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS3302-ISZ
Description  High-Z, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302-ISZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS3302-ISZ Datasheet HTML 1Page - Cirrus Logic CS3302-ISZ Datasheet HTML 2Page - Cirrus Logic CS3302-ISZ Datasheet HTML 3Page - Cirrus Logic CS3302-ISZ Datasheet HTML 4Page - Cirrus Logic CS3302-ISZ Datasheet HTML 5Page - Cirrus Logic CS3302-ISZ Datasheet HTML 6Page - Cirrus Logic CS3302-ISZ Datasheet HTML 7Page - Cirrus Logic CS3302-ISZ Datasheet HTML 8Page - Cirrus Logic CS3302-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS3302
4
DS596F3
1.
CHARACTERISTICS AND SPECIFICATIONS
•
Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions.
•
Typical performance characteristics and specifications are derived from measurements taken at nom-
inal supply voltages and TA = 25°C.
•
DGND = 0 V, all voltages with respect to 0 V.
SPECIFIED OPERATING CONDITIONS
Notes: 1. VA- must be the most negative voltage to avoid potential SCR latch-up conditions.
2. VD must conform to Digital Supply Differential under Absolute Maximum Ratings.
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes: 3. Transient currents up to 100mA will not cause SCR latch-up.
Parameter
Symbol
Min
Nom
Max
Unit
Unipolar Power Supplies
Positive Analog
VA+
4.75
5.0
5.25
V
Negative Analog
(Note 1)
VA-
-0.25
0
0.25
V
Positive Digital
(Note 2)
VD
3.135
3.3
5.25
V
Bipolar Power Supplies
Positive Analog
VA+
2.375
2.5
2.625
V
Negative Analog
(Note 1)
VA-
-2.625
-2.5
-2.375
V
Positive Digital
(Note 2)
VD
3.135
3.3
3.465
V
Thermal
Ambient Operating Temperature
Industrial (-IS, -ISZ)
TA
-40
-
85
°C
Parameter
Symbol
CS3302
Unit
Min
Max
DC Power Supplies
Positive Analog
Negative Analog
Digital
VA+
VA-
VD
-0.3
-6.8
-0.3
6.8
0.3
6.8
V
V
V
Analog Supply Differential
[(VA+) - (VA-)]
VADIFF
-6.8
V
Digital Supply Differential
[(VD) - (VA-)]
VDDIFF
-6.8
V
Input Current, Any Pin Except Supplies
(Note 3)IIN
-+10
mA
Input Current, Power Supplies
(Note 3)IIN
-+50
mA
Output Current
(Note 3)IOUT
-+25
mA
Power Dissipation
PDN
-
500
mW
Analog Input Voltages
VINA
(VA-)-0.5
(VA+)+0.5
V
Digital Input Voltages
VIND
-0.5
(VD)+0.5
V
Ambient Operating Temperature (Power Applied)
TA
-40
85
ºC
Storage Temperature Range
TSTG
-65
150
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com