Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3302 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS3302
Description  High-Z, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS3302 Datasheet HTML 8Page - Cirrus Logic CS3302 Datasheet HTML 9Page - Cirrus Logic CS3302 Datasheet HTML 10Page - Cirrus Logic CS3302 Datasheet HTML 11Page - Cirrus Logic CS3302 Datasheet HTML 12Page - Cirrus Logic CS3302 Datasheet HTML 13Page - Cirrus Logic CS3302 Datasheet HTML 14Page - Cirrus Logic CS3302 Datasheet HTML 15Page - Cirrus Logic CS3302 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS3302
DS596F3
13
2.4
Connection Diagram
Figure 4 shows a connection diagram for the
CS3302 amplifier when used with the CS5372 dual
∆Σ modulator, the CS4373A test DAC and the
CS5376A digital filter. The diagram shows differ-
ential sensors, a test DAC, and analog outputs with
anti-alias capacitors; power supply connections in-
cluding recommended bypassing; and digital con-
trol connections back to the CS5376A GPIO pins.
0.02
µF
C0G
0.02
µF
C0G
0.02
µF
C0G
0.02
µF
C0G
CS 5372
∆Σ Modulator
IN F+
IN R+
IN F-
IN R-
IN F-
IN R-
IN F+
IN R+
VRE F+
VRE F-
VA+
VA-
VD
DG ND
M DATA1
M FLAG 1
M DATA2
M FLAG 2
MCLK
MS Y N C
PW DN1
OFS T
PW DN2
LP W R
CS 3302
D ifferential
A m plifier
IN B+
IN A +
IN A-
IN B-
O U TF-
O U TR -
O UTF+
O U TR+
VA+
VA-
VD
DG N D
GA IN
M UX
P W D N
LP W R
CS 3302
D ifferential
A m plifier
IN B+
IN A +
IN A-
IN B-
O U TF-
O U TR -
O UTF+
O U TR+
VA+
VA-
VD
DG ND
GA IN
M U X
P W DN
LP W R
VA-
0.1
µF
VA+
0.1
µF
VA-
0.1
µF
VA+
0.1
µF
VD
0.01
µF
VD
0.01
µF
GP IO
GP IO
G P IO (x2)
G P IO (x3)
GP IO
GP IO
G P IO (x2)
G P IO (x3)
D ifferential
S ensor
D ifferential
S ensor
Test
DAC
3
2
3
2
To CS 5376
D igital C ontrol
To CS 5376
D igital C ontrol
2.5 V
Reference
VA+
0.1
µF
0.01
µF
VD
VA-
0.1
µF
GU AR D
GU AR D
Figure 4. CS3302 Amplifier Connections
A
A
CS4373A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com