Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA776 Datasheet(PDF) 2 Page - STMicroelectronics

Part # UA776
Description  PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA776 Datasheet(HTML) 2 Page - STMicroelectronics

  UA776 Datasheet HTML 1Page - STMicroelectronics UA776 Datasheet HTML 2Page - STMicroelectronics UA776 Datasheet HTML 3Page - STMicroelectronics UA776 Datasheet HTML 4Page - STMicroelectronics UA776 Datasheet HTML 5Page - STMicroelectronics UA776 Datasheet HTML 6Page - STMicroelectronics UA776 Datasheet HTML 7Page - STMicroelectronics UA776 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
UA776M
UA776I
UA776C
Unit
Vcc
Supply Voltage
±18
V
Vid
Differential Input Voltage
±30
V
Vi
Input Voltage - (note 1)
±15
V
Ptot
Power Dissipation
500
310
310
mW
Output Short-circuit Duration
Infinite
Toper
Operating Free Air Temperature Range
-55 to +125
-40 to +105
0 to +70
oC
Tstg
Storage Temperature Range
-65 to +150
-65 to +150
-65 to +150
oC
Note : 1. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
SCHEMATIC DIAGRAM
UA776
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com