Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5364 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5364
Description  114 dB, 192 kHz, 4-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5364 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5364_08 Datasheet HTML 17Page - Cirrus Logic CS5364_08 Datasheet HTML 18Page - Cirrus Logic CS5364_08 Datasheet HTML 19Page - Cirrus Logic CS5364_08 Datasheet HTML 20Page - Cirrus Logic CS5364_08 Datasheet HTML 21Page - Cirrus Logic CS5364_08 Datasheet HTML 22Page - Cirrus Logic CS5364_08 Datasheet HTML 23Page - Cirrus Logic CS5364_08 Datasheet HTML 24Page - Cirrus Logic CS5364_08 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DS625F3
21
CS5364
4.4
Master and Slave Operation
CS5364 operation depends on two clocks that are synchronously derived from MCLK: SCLK and LRCK/FS.
See Section 4.5 on page 22 for a detailed description of SCLK and LRCK/FS.
The CS5364 can operate as either clock master or clock slave with respect to SCLK and LRCK/FS. In Mas-
ter Mode, the CS5364 derives SCLK and LRCK/FS synchronously from MCLK and outputs the derived
clocks on the SCLK pin (pin 25) and the LRCK/FS pin (pin 24), respectively. In Slave Mode, the SCLK and
LRCK/FS are inputs, and the input signals must be synchronously derived from MCLK by a separate device
such as another CS5364 or a microcontroller. Figure 8 illustrates the clock flow of SCLK and LRCK/FS in
both Master and Slave Modes.
The Master/Slave operation is controlled through the settings of M1 and M0 pins in Stand-Alone Mode or
by the M[1] and M[0] bits in the Global Mode Control Register in Control Port Mode. See Section 4.6 on page
23 for more information regarding the configuration of M1 and M0 pins or M[1] and M[0] bits.
Figure 8. Master/Slave Clock Flow
4.4.1
Synchronization of Multiple Devices
To ensure synchronous sampling in applications where multiple ADCs are used, the MCLK and LRCK must
be the same for all CS5364 devices in the system. If only one master clock source is needed, one solution
is to place one CS5364 in Master Mode, and slave all of the other devices to the one master, as illustrated
in Figure 9. If multiple master clock sources are needed, one solution is to supply all clocks from the same
external source and time the CS5364 reset de-assertion with the falling edge of MCLK. This will ensure that
all converters begin sampling on the same clock edge.
Figure 9. Master and Slave Clocking for a Multi-Channel Application
ADC as
clock
master
Controller
LRCK/FS
SCLK
ADC as
clock
slave
Controller
LRCK/FS
SCLK
Master
ADC
Slave1
ADC
Slave2
ADC
Slave3
ADC
SCLK & LRCK/FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com