Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAA4713 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UAA4713
Description  MOTION DETECTOR INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UAA4713 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UAA4713 Datasheet HTML 6Page - STMicroelectronics UAA4713 Datasheet HTML 7Page - STMicroelectronics UAA4713 Datasheet HTML 8Page - STMicroelectronics UAA4713 Datasheet HTML 9Page - STMicroelectronics UAA4713 Datasheet HTML 10Page - STMicroelectronics UAA4713 Datasheet HTML 11Page - STMicroelectronics UAA4713 Datasheet HTML 12Page - STMicroelectronics UAA4713 Datasheet HTML 13Page - STMicroelectronics UAA4713 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Demo Board - Part List
QTY
DEVICE
DESCRIPTION
SUPPLIER
1
UAA4713DP OR UAA4713FP
INTEGRATED CIRCUIT
SGS-THOMSON
1
BTA06-600 (240V mains)
BTA08-400 (110V mains)
TRIAC
TRIAC
SGS-THOMSON
SGS-THOMSON
1
KRX10FL or
IRA - EI00S series
SENSOR WIT H FRESNEL LENS
Pyroelectic Infrared Sensor
PHILIPS COMPONENTS
MURATA
1
LDR07
PHOTORESISTOR
PHILIPS COMPONENTS
CAPACITORS
RESISTORS (0.25W)
QUANTITY
VALUE
QUANTITY
VALUE
4
100
µF/35V
3
1M
Ω
2
330nF
3
47k
Ω
2
47nF
1
680
Ω
1
4.7nF
1
1K
Ω
1
68nF 400V
1
470K
Ω
1
150nF 250V
1
220K
Ω
1
3.3
µF 35V
2 POTENTIOMETERS
500K
Ω
APPLICATION INFORMATION (continued)
Figure 9: Demo Board Photo IRA - E100S
UAA4713
11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com