Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 25Page - Cirrus Logic CS5378_08 Datasheet HTML 26Page - Cirrus Logic CS5378_08 Datasheet HTML 27Page - Cirrus Logic CS5378_08 Datasheet HTML 28Page - Cirrus Logic CS5378_08 Datasheet HTML 29Page - Cirrus Logic CS5378_08 Datasheet HTML 30Page - Cirrus Logic CS5378_08 Datasheet HTML 31Page - Cirrus Logic CS5378_08 Datasheet HTML 32Page - Cirrus Logic CS5378_08 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
CS5378
DS639F2
29
8.5 Example EEPROM Configuration
Table 8 shows an example EEPROM file for a min-
imal CS5378 configuration.
Table 8. Example EEPROM File
Addr
Data
Description
00
00
Mfg header
01
00
02
00
03
00
04
00
05
00
06
00
07
00
08
00
09
00
0A
00
0B
00
0C
00
0D
00
0E
00
0F
00
10
04
Write ROM Coefficients
11
00
12
22
13
00
14
01
Write CONFIG Register
15
00
16
00
17
00
18
06
19
04
1A
31
1B
01
Write FILTCFG Register
1C
00
1D
00
1E
20
1F
00
Addr
Data
Description
21
02
22
40
23
01
Write TBSCFG Register
24
00
25
00
26
2A
27
07
28
40
29
40
2A
01
Write TBSGAIN Register
2B
00
2C
00
2D
2B
2E
04
2F
B0
30
00
31
07
Filter Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com