Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS5376A
Description  Low-power, Multi-channel Decimation Filter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 75Page - Cirrus Logic CS5376A Datasheet HTML 76Page - Cirrus Logic CS5376A Datasheet HTML 77Page - Cirrus Logic CS5376A Datasheet HTML 78Page - Cirrus Logic CS5376A Datasheet HTML 79Page - Cirrus Logic CS5376A Datasheet HTML 80Page - Cirrus Logic CS5376A Datasheet HTML 81Page - Cirrus Logic CS5376A Datasheet HTML 82Page - Cirrus Logic CS5376A Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
CS5376A
DS612F4
79
Modified SINC2 filter to correct gain and
timing errors
Corrected SINC2 decimate by 2 gain error
which affected 4000 SPS operation. Also mod-
ified SINC2 decimate by 16 output timing to
match output of other SINC2 rates. Previous
SINC2 decimate by 16 output was one sample
later than expected.
Corrected gain error of 333 SPS output rate
SINC architecture was modified to correct gain
error in SINC2 decimate by 12 by moving dec-
imate by 3 stage into SINC3.
Modified SINC3 filter for new low band-
width rates.
Newly supported output word rates are 200,
125, 100, 50, 40, 25, 20, 10, 5, 1 SPS. Older low
bandwidth rates of 120, 60, 30, 15, 7.5 SPS
were removed. No changes to 4000, 2000,
1000, 500, 333, 250 SPS rates for backwards
compatibility to CS5376 revision A/B.
Added minimum phase FIR coefficients
Minimum phase FIR1 coefficient set 1 and
FIR2 coefficient set 1 are newly available as se-
lections for the SPI and EEPROM 'Write ROM
Coefficients' command.
Corrected IIR2/IIR3 channels 2, 3, 4 bug
When selecting IIR2 or IIR3 output, data from
channels 2, 3, and 4 were corrupted. IIR2 and
IIR3 now operate correctly for these channels.
Corrected IIR2 coefficient DC offset
IIR2 coefficient sets 0, 1, and 3 did not perfect-
ly cancel DC due to coefficient b20, b21, b22
mismatch. New b21 IIR2 coefficients correct
this offset error.
Removed gain scale factor from 'Write TBS
ROM' command
TBS data was previously scaled during config-
uration by a data word following the 'Write
TBS ROM' command. Added a new TBSGAIN
register (0x2B, replacing WD_CFG) that scales
the TBS amplitude and can be modified during
normal operation.
Removed watchdog timer
The watchdog timer was removed. Replaced
WD_CFG register (0x2B) with TBSGAIN reg-
ister.
Set GPIO11 as tri-state when EEPROM boot
completed
After
stand-alone
boot
from
EEPROM,
GPIO11 (acting as EEPROM chip select) was
previously driven high. This pin now tri-states
with an internal pull-up to hold it high.
Modified Test Bit Stream (TBS) to disable
loopback when TBS disabled.
If TBS loopback mode was enabled, the exter-
nal MDATA inputs were disconnected from the
SINC filter even if the TBS was disabled. Now
when the TBS is disabled, loopback mode is
automatically disabled also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com