Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5343 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5343 Datasheet HTML 14Page - Cirrus Logic CS5343 Datasheet HTML 15Page - Cirrus Logic CS5343 Datasheet HTML 16Page - Cirrus Logic CS5343 Datasheet HTML 17Page - Cirrus Logic CS5343 Datasheet HTML 18Page - Cirrus Logic CS5343 Datasheet HTML 19Page - Cirrus Logic CS5343 Datasheet HTML 20Page - Cirrus Logic CS5343 Datasheet HTML 21Page - Cirrus Logic CS5343 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS687F3
21
CS5343/4
Draft
4/2/08
9. REVISION HISTORY
Release
Changes
F1
Updated “Recommended Operating Conditions” on page 5
Updated specifications and limits for “Analog Characteristics - Commercial Grade (-CZZ)” on page 6
Updated specifications and limits for “Analog Characteristics - Automotive Grade (-DZZ)” on page 7
Corrected “Power Supply Current (Normal Operation)” on page 8
Increased specification for Slave-Mode “SDOUT valid after SCLK rising” on page 10
Corrected Section 4.1.2.1 on page 14
Updated Section 4.1.3 on page 14
F2
Removed Fs < 43 kHz from master mode operation:
-Updated master mode timing specifications in the “System Clocking and Serial Audio Interface” on page 10
-Updated Input Sample Rate Range in Table 3 on page 14
-Added note for “slave mode only” for Fs = 32 kHz in Table 5 on page 14.
F3
Updated Passband Ripple, Stopband Attenuation and Total Group Delay specs in “Digital Filter Characteristics”
on page 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com