Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5531-AS Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5531-AS
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5531-AS Datasheet(HTML) 2 Page - Cirrus Logic

  CS5531-AS Datasheet HTML 1Page - Cirrus Logic CS5531-AS Datasheet HTML 2Page - Cirrus Logic CS5531-AS Datasheet HTML 3Page - Cirrus Logic CS5531-AS Datasheet HTML 4Page - Cirrus Logic CS5531-AS Datasheet HTML 5Page - Cirrus Logic CS5531-AS Datasheet HTML 6Page - Cirrus Logic CS5531-AS Datasheet HTML 7Page - Cirrus Logic CS5531-AS Datasheet HTML 8Page - Cirrus Logic CS5531-AS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
CS5531/32/33/34-AS
2
DS289F5
TABLE OF CONTENTS
1.
CHARACTERISTICS AND SPECIFICATIONS ..........................................................4
ANALOG CHARACTERISTICS..........................................................................4
TYPICAL RMS NOISE (NV), CS5531/32/33/34 .................................................7
TYPICAL NOISE-FREE RESOLUTION(BITS), CS5532/34 ...............................7
5 V DIGITAL CHARACTERISTICS ....................................................................8
3 V DIGITAL CHARACTERISTICS ....................................................................8
DYNAMIC CHARACTERISTICS ........................................................................9
ABSOLUTE MAXIMUM RATINGS .....................................................................9
SWITCHING CHARACTERISTICS ..................................................................10
2.
GENERAL DESCRIPTION .......................................................................................12
2.1.
Analog Input ....................................................................................................12
2.1.1. Analog Input Span .................................................................................... 13
2.1.2. Multiplexed Settling Limitations ............................................................13
2.1.3. Voltage Noise Density Performance .....................................................13
2.1.4. No Offset DAC ......................................................................................14
2.2.
Overview of ADC Register Structure and Operating Modes ............................14
2.2.1. System Initialization ..............................................................................15
2.2.2. Serial Port Interface ..............................................................................22
2.2.3. Reading/Writing On-Chip Registers ......................................................23
2.3.
Configuration Register .....................................................................................23
2.3.1. Power Consumption .............................................................................23
2.3.2. System Reset Sequence ......................................................................23
2.3.3. Input Short ............................................................................................24
2.3.4. Guard Signal .........................................................................................24
2.3.5. Voltage Reference Select .....................................................................24
2.3.6. Output Latch Pins .................................................................................24
2.3.7. Offset and Gain Select ..........................................................................25
2.3.8. Filter Rate Select ..................................................................................25
2.4.
Setting up the CSRs for a Measurement .........................................................27
2.5.
Calibration ........................................................................................................30
2.5.1. Calibration Registers ............................................................................30
2.5.2. Performing Calibrations ........................................................................31
2.5.3. Self-calibration ......................................................................................31
2.5.4. System Calibration ................................................................................32
2.5.5. Calibration Tips .....................................................................................32
2.5.6. Limitations in Calibration Range ...........................................................33
2.6.
Performing Conversions ..................................................................................33
2.6.1. Single Conversion Mode .......................................................................33
2.6.2. Continuous Conversion Mode ..............................................................34
2.6.3. Examples of Using CSRs to Perform Conversions and Calibrations ....35
2.7.
Using Multiple ADCs Synchronously ...............................................................36
2.8.
Conversion Output Coding ..............................................................................36
2.9.
Digital Filter ......................................................................................................38
2.10. Clock Generator ...............................................................................................39
2.11. Power Supply Arrangements ...........................................................................39
2.12. Getting Started ................................................................................................43
2.13. PCB Layout .....................................................................................................43
3.
PIN DESCRIPTIONS ...............................................................................................44
4.
SPECIFICATION DEFINITIONS ...............................................................................46
5.
ORDERING INFORMATION .....................................................................................47
6.
ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION ..............47
7.
PACKAGE DRAWINGS ...........................................................................................48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com