Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422-CNZR Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS8422-CNZR
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-CNZR Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS8422-CNZR Datasheet HTML 74Page - Cirrus Logic CS8422-CNZR Datasheet HTML 75Page - Cirrus Logic CS8422-CNZR Datasheet HTML 76Page - Cirrus Logic CS8422-CNZR Datasheet HTML 77Page - Cirrus Logic CS8422-CNZR Datasheet HTML 78Page - Cirrus Logic CS8422-CNZR Datasheet HTML 79Page - Cirrus Logic CS8422-CNZR Datasheet HTML 80Page - Cirrus Logic CS8422-CNZR Datasheet HTML 81Page - Cirrus Logic CS8422-CNZR Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
80
DS692PP1
CS8422
16.ORDERING INFORMATION
17.REFERENCES
1.
Audio Engineering Society AES3-2003: “AES standard for digital audio - Digital input-output interfacing -
Serial transmission format for two-channel linearly represented digital audio data,” September 2003.
2.
Audio Engineering Society AES-12id-2006: “AES Information Document for digital audio measurements -
Jitter performance specifications,” May 2007.
3.
Philips Semiconductor, “The I²C-Bus Specification: Version 2,” Dec. 1998.
http://www.semiconductors.philips.com
Product
Description
Package
Pb-Free
Grade
Temp
Range
Container
Order#
CS8422
24-bit, Asynchronous
Sample Rate Converter with
Integrated Digital Interface
Receiver
QFN
YES
Commercial
-40° to
+85°C
Rail
CS8422-CNZ
Tape and Reel
CS8422-CNZR
Automotive
-40° to
+105°C
Rail
CS8422-DNZ
Tape and Reel
CS8422-DNZR
CDB8422
Evaluation Board for
CS8422
-
YES
-
-
-
CDB8422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com