Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422-DNZ Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS8422-DNZ
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZ Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS8422-DNZ Datasheet HTML 74Page - Cirrus Logic CS8422-DNZ Datasheet HTML 75Page - Cirrus Logic CS8422-DNZ Datasheet HTML 76Page - Cirrus Logic CS8422-DNZ Datasheet HTML 77Page - Cirrus Logic CS8422-DNZ Datasheet HTML 78Page - Cirrus Logic CS8422-DNZ Datasheet HTML 79Page - Cirrus Logic CS8422-DNZ Datasheet HTML 80Page - Cirrus Logic CS8422-DNZ Datasheet HTML 81Page - Cirrus Logic CS8422-DNZ Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
DS692PP1
81
CS8422
18.REVISION HISTORY
Release
Changes
PP1
Added interchannel phase deviation to Performance Specifications - Sample Rate Converter table
Added gain error to Performance Specifications - Sample Rate Converter table
Added 32 kHz:48 kHz dynamic range to Performance Specifications - Sample Rate Converter table
Updated (Note 2) in Performance Specifications - Sample Rate Converter table
Updated values in DC Electrical Characteristics table
Changed (Note 3) and (Note 4) in DC Electrical Characteristics table
Updated RMCK jitter specification in Switching Specifications table
Changed (Note 9) in Switching Specifications table
Moved SDIN/TDM_IN setup and hold times in Switching Specifications table
Changed master mode non-TDM I/OSCLK minimum frequency in Switching Specifications table
Changed tsrs value in Switching Characteristics - Control Port - SPI mode
Changed tirs value in Switching Characteristics - Control Port - I²C mode
Fixed calculation error in Section 5.1.5.2 TDM Slave Mode
Added note to Section 11.9 Recovered Master Clock Ratio Control & Misc. (09h)
Added Section 12.6 Jitter Tolerance
Added Section 13. Performance Plots
Added Section 17. References
Updated VIH minimum specification in Digital Interface Specifications table
Updated VIL maximum specification in Digital Interface Specifications table
Updated Input Hysteresis specification in Digital Interface Specifications table
Added (Note 6) to Digital Interface Specifications table
Removed VIH maximum specification in Digital Interface Specifications table
Removed VIL minimum specification in Digital Interface Specifications table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com