Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42435 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS42435
Description  108 dB, 192 kHz 4-In, 8-Out TDM CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42435 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS42435_07 Datasheet HTML 10Page - Cirrus Logic CS42435_07 Datasheet HTML 11Page - Cirrus Logic CS42435_07 Datasheet HTML 12Page - Cirrus Logic CS42435_07 Datasheet HTML 13Page - Cirrus Logic CS42435_07 Datasheet HTML 14Page - Cirrus Logic CS42435_07 Datasheet HTML 15Page - Cirrus Logic CS42435_07 Datasheet HTML 16Page - Cirrus Logic CS42435_07 Datasheet HTML 17Page - Cirrus Logic CS42435_07 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
DS685F2
CS42435
ANALOG INPUT CHARACTERISTICS (COMMERCIAL)
(Test Conditions (unless otherwise specified): VA = 5 V, VD = VLS = VLC = 3.3 V, and TA = 25°C. Full-scale input
sine wave: 1 kHz through the active input filter in Figure 20 on page 48 and Figure 20 on page 48; Measurement
Bandwidth is 10 Hz to 20 kHz.)
Differential
Single-Ended
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Fs=48 kHz, 96 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
99
96
-
105
102
99
-
-
-
96
93
102
99
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
-1 dB
(Note 5)
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
-
-
-
-
-98
-82
-42
-90
-92
-
-
-
-
-
-
-
-95
-79
-39
-90
-89
-
-
-
dB
dB
dB
dB
ADC1-2 Interchannel Isolation
-
90
-
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
Analog Input
Full-Scale Input Voltage
1.06*VA 1.12*VA 1.18*VA
0.53*VA 0.56*VA 0.59*VA
Vpp
Differential Input Impedance (Note 6)
23
29
32
-
-
-
k
Ω
Single-Ended Input Impedance (Note 7)
--
-
23
29
32
k
Ω
Common Mode Rejection Ratio (CMRR)
-
82
-
-
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com