Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SO100 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SO100
Description  Secure Microcontroller for Electronic Transaction Terminal / Reader
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SO100 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SO100 Datasheet HTML 1Page - ATMEL Corporation AT91SO100 Datasheet HTML 2Page - ATMEL Corporation AT91SO100 Datasheet HTML 3Page - ATMEL Corporation AT91SO100 Datasheet HTML 4Page - ATMEL Corporation AT91SO100 Datasheet HTML 5Page - ATMEL Corporation AT91SO100 Datasheet HTML 6Page - ATMEL Corporation AT91SO100 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AT91SO100
6514BS–SPD–10 May 07
Description
The AT91SO100/101, AT91SO50/51 and the AT91SO25 are a low-power, high-performance, SC100 32-bit microcontroller based on the
ARM® enhanced RISC architecture. This new SC100 core allows the linear addressing of up to 1M bytes of code and data as well as a
number of new functional and security features. A 3-level instruction pipeline allows the performance of one instruction in a single clock
cycle, the SC100 achieves throughputs close to 1 MIPS per MHz. The SC100 processor employs a unique architectural strategy known
as Thumb® a super reduced instruction set that is ideally suited for high volume applications with memory restrictions and applications
where code density is an important factor.
The AT91SO100/101, AT91SO50/51 and the AT91SO25 have internal EEPROM that can be used as program or data memory. It also
includes a ROM (for the bootstrap and crypto library and some native functions) and a large SRAM. The AT91SO100/101 can also
address up to 16Mbytes of external memory.
The AT91SO100/101, AT91SO50/51 and the AT91SO25 also comprises of strong security mechanisms and has a impressive set of cry-
tography features , hardware DES/TDES, hardware AES, hardware SHA-n, hardware cryptography accelerator for asymmetric
algorithms (RSA, Elliptic Curve, Key generation) and a true random number generator.
The AT91SO100/101, AT91SO50/51 and the AT91SO25
includes a lot of dedicated peripherals as ISO 7816 controller and mag-
netic stripe card interface, as well as USB, SPI, TWI, USARTs and I/O ports.
The AT91SO101 is a single package solution in BGA256 embedding two chips, the secure controller and the AT83C26 which physically
interface with up to 2 smart cards and 3 secure access module, or 1 smart card and 4 secure access module.
The AT91SO100 is available using the same package (BGA256) pin to pin compatible with the AT91SO101 but without the AT83C26.
The AT91SO51 is a single package solution in BGA208 (cost effective solution) embedding two chips, the secure controller and the
AT83C26 which physically interface with up to 2 smart cards and 3 secure access module, or 1 smart card and 4 secure access module.
The external bus is not connected on this product.
The AT91SO50 is available using the same package (BGA208) pin to pin compatible with the AT91SO51 but without the AT83C26. The
external bus is not connected on this product.
The AT91SO25 is a single package solution in BGA144 (low cost solution) embedding one chip, the secure controller only. The external
bus is also not connected on this product.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com