Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2BA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZU6.2BA
Description  Single Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.2BA Datasheet(HTML) 2 Page - NXP Semiconductors

  PZU6.2BA Datasheet HTML 1Page - NXP Semiconductors PZU6.2BA Datasheet HTML 2Page - NXP Semiconductors PZU6.2BA Datasheet HTML 3Page - NXP Semiconductors PZU6.2BA Datasheet HTML 4Page - NXP Semiconductors PZU6.2BA Datasheet HTML 5Page - NXP Semiconductors PZU6.2BA Datasheet HTML 6Page - NXP Semiconductors PZU6.2BA Datasheet HTML 7Page - NXP Semiconductors PZU6.2BA Datasheet HTML 8Page - NXP Semiconductors PZU6.2BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
2 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 97 types with nominal working voltages from 2.4 V to 36 V.
[2]
/DG: halogen-free
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
006aaa152
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZU2.4BA to
PZU36BA[1]
SC-76
plastic surface-mounted package; 2 leads
SOD323
PZU2.4BA/DG to
PZU36BA/DG[1][2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com