Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN625 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN625
Description  25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN625 Datasheet(HTML) 4 Page - STMicroelectronics

  TYN625 Datasheet HTML 1Page - STMicroelectronics TYN625 Datasheet HTML 2Page - STMicroelectronics TYN625 Datasheet HTML 3Page - STMicroelectronics TYN625 Datasheet HTML 4Page - STMicroelectronics TYN625 Datasheet HTML 5Page - STMicroelectronics TYN625 Datasheet HTML 6Page - STMicroelectronics TYN625 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TN25 and TYNx25 Series
4/7
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus case temperature.
Fig. 2-2: Average and D.C. on-state current
versus ambient temperature (copper surface
under tab: S = 1 cm² (for D²PAK).
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature.
Fig. 5: Surge peak on-state current versus
number of cycles.
02468
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
22
24
P(W)
α = 180°
IT(av)(A)
360°
α
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
IT(av)(A)
D.C.
α = 180°
Tcase(°C)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IT(av)(A)
D.C.
α = 180°
Tamb(°C)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
K = [Zth/Rth]
Zth(j-c)
Zth(j-a)
tp(s)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Tj(°C)
1
10
100
1000
0
50
100
150
200
250
300
350
ITSM(A)
Non repetitiv e
Tj initial = 25 °C
Repetitive
Tcase = 100 °C
Number of cycles
One cycle
tp = 10ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com