Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2844 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UC2844
Description  CURRENTMODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2844 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UC2844 Datasheet HTML 3Page - STMicroelectronics UC2844 Datasheet HTML 4Page - STMicroelectronics UC2844 Datasheet HTML 5Page - STMicroelectronics UC2844 Datasheet HTML 6Page - STMicroelectronics UC2844 Datasheet HTML 7Page - STMicroelectronics UC2844 Datasheet HTML 8Page - STMicroelectronics UC2844 Datasheet HTML 9Page - STMicroelectronics UC2844 Datasheet HTML 10Page - STMicroelectronics UC2844 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Figure 11 : Off-line Flyback Regulator.
Power Supply Specifications
1. Input Voltage :
95 VAC to 130 VAC
(50 Hz/60 Hz)
2. Line Isolation :
3750 V
3. Switching Frequency :
40 KHz
4. Efficiency @ Full Load : 70 %
5. Output Voltage :
A. + 5 V,
± 5 % : 1 A to 4 A load
Ripple voltage : 50 mV P-P Max.
B. + 12 V,
± 3 % : 0.1 A to 0.3 A load
Ripple voltage : 100 mV P-P Max.
C. – 12 V,
± 3 % : 0.1 A to 0.3 A load
Ripple voltage : 100 mV P-P Max.
Figure 12 : Slope Compensation.
A fraction of the oscillator ramp can be resistively
summed with the current sense signal to provide
slope compensation for converters requiring duty
cycles over 50 %.
Note that capacitor, C, forms a filter with R2 to su-
press the leading edge switch spikes.
UC2842/3/4/5-UC3842/3/4/5
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com