Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB646 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 13Page - ATMEL Corporation AT90USB646 Datasheet HTML 14Page - ATMEL Corporation AT90USB646 Datasheet HTML 15Page - ATMEL Corporation AT90USB646 Datasheet HTML 16Page - ATMEL Corporation AT90USB646 Datasheet HTML 17Page - ATMEL Corporation AT90USB646 Datasheet HTML 18Page - ATMEL Corporation AT90USB646 Datasheet HTML 19Page - ATMEL Corporation AT90USB646 Datasheet HTML 20Page - ATMEL Corporation AT90USB646 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
7593GS–AVR–03/08
AT90USB64/128
6.
Ordering Information
Table 6-1.
Possible Order Entries
Ordering Code
USB
interface
Speed
(MHz)
Power Supply
(V)
Package
Operation Range
Product Marking
AT
90USB1287-16AU
OTG
8-16
2.7 - 5.5
MD
Industrial (-40°to +85°C)
Green
90USB1287-16AU
AT90USB1287-16MU
OTG
8-16
2.7 - 5.5
PS
Industrial (-40°to +85°C)
Green
90USB1287-16MU
AT
90USB1286-16MU
Device
only
8-16
2.7 - 5.5
PS
Industrial (-40°to +85°C)
Green
90USB1286-16MU
AT
90USB647-16AU
OTG
8-16
2.7 - 5.5
MD
Industrial (-40°to +85°C)
Green
90USB647-16AU
AT90USB647-16MU
OTG
8-16
2.7 - 5.5
PS
Industrial (-40°to +85°C)
Green
90USB647-16MU
AT
90USB646-16MU
Device
only
8-16
2.7 - 5.5
PS
Industrial (-40°to +85°C)
Green
90USB646-16MU
MD
64 - Lead, 14x14 mm Body Size, 1.0mm Body Thickness
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
PS
64 - Lead, 9x9 mm Body Size, 0.50mm Pitch
Quad Flat No Lead Package (QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com