Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UC3845
Description  CURRENTMODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845 Datasheet(HTML) 5 Page - STMicroelectronics

  UC3845 Datasheet HTML 1Page - STMicroelectronics UC3845 Datasheet HTML 2Page - STMicroelectronics UC3845 Datasheet HTML 3Page - STMicroelectronics UC3845 Datasheet HTML 4Page - STMicroelectronics UC3845 Datasheet HTML 5Page - STMicroelectronics UC3845 Datasheet HTML 6Page - STMicroelectronics UC3845 Datasheet HTML 7Page - STMicroelectronics UC3845 Datasheet HTML 8Page - STMicroelectronics UC3845 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 1 : Error Amp Configuration.
Error amp can source or
sink up to 0.5mA
Figure 2 : Under Voltage Lockout.
During Under-Voltage Lockout, the output driver is
biased to sink minor amounts of current. Pin 6
should be shunted to ground with a bleederresistor
to prevent activating the power switch with extrane-
ous leakage currents.
Figure 3 : Current Sense Circuit .
Peak current (is) is determined by the formula
1.0 V
IS max
≈
RS
A small RC filter may be required to suppress switch transients.
UC2842/3/4/5-UC3842/3/4/5
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com