Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3844B Datasheet(PDF) 5 Page - STMicroelectronics

Part # UC3844B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3844B Datasheet(HTML) 5 Page - STMicroelectronics

  UC3844B Datasheet HTML 1Page - STMicroelectronics UC3844B Datasheet HTML 2Page - STMicroelectronics UC3844B Datasheet HTML 3Page - STMicroelectronics UC3844B Datasheet HTML 4Page - STMicroelectronics UC3844B Datasheet HTML 5Page - STMicroelectronics UC3844B Datasheet HTML 6Page - STMicroelectronics UC3844B Datasheet HTML 7Page - STMicroelectronics UC3844B Datasheet HTML 8Page - STMicroelectronics UC3844B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 1: Open Loop Test Circuit.
RT
A
2N2222
4.7K
Ω
1K
Ω
ERROR AMP.
ADJUST
4.7K
Ω
5K
Ω
ISENSE
ADJUST
100K
Ω
COMP
V
FB
ISENSE
RT/CT
1
2
3
4
C
T
7
6
5
8
VREF
V
i
OUTPUT
GROUND
0.1
µF
0.1
µF
VREF
V
i
OUTPUT
GROUND
1W
1K
Ω
D95IN343
High peak currents associated with capacitive loads
necessitate careful grounding techniques. Timing
and bypass capacitors should be connected close
to pin 5 in a single point ground. The transistor and
5K
Ω potentiometerareusedto samplethe oscillator
waveform and apply an adjustable ramp to pin 3.
10K
20K
30K
50K
100K
200K
300K
500K
fOSC(KHz)
1
2
5
10
20
50
D95IN333
CT=10nF
CT=5nF
CT=2nF
C
T =1nF
C
T =500pF
C
T=200pF
C
T =100pF
Vi=15V
TA=25°C
RT
(K
Ω)
0.8
Figure 2: Timing Resistor vs. Oscillator Fre-
quency
10K
20K
30K
50K
100K
200K
300K
500K
fOSC(KHz)
1
2
3
5
10
20
30
50
%
CT=10nF
CT=5nF
CT=2nF
CT=1nF
CT=500pF
CT=200pF
CT=100pF
D95IN334
Vi=15V
TA=25°C
Figure 3: Output Dead-Time vs. Oscillator Fre-
quency
UC2842B
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com