Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 195 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 191Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 192Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 193Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 194Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 195Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 196Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 197Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 198Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 208 page
background image
195
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
External Data Memory Read
Cycle
Serial Port Timing - Shift
Register Mode
Table 118.
Symbol Description (F = 40 MHz)
Table 119.
AC Parameters for a Variable Clock
ALE
PSEN
RD
PORT 0
PORT 2
A0-A7
DATA IN
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TRLAZ
ADDRESS A8-A15 OR SFR P2
TRHDZ
TWHLH
TRLRH
TLLDV
TRHDX
TLLAX
TAVDV
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Symbol
Type
Standard
Clock
X2 Clock
X parameter
Units
TXLXL
Min
12T
6 T
ns
TQVHX
Min
10T - x
5 T - x
50
ns
TXHQX
Min
2T - x
T - x
20
ns
TXHDX
Min
x
x
0
ns
TXHDV
Max
10T - x
5 T- x
133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com